Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMOV25S271NP Datasheet(PDF) 5 Page - Littelfuse

Part # SMOV25S271NP
Description  SMOV25S Varistor Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMOV25S271NP Datasheet(HTML) 5 Page - Littelfuse

  SMOV25S271NP Datasheet HTML 1Page - Littelfuse SMOV25S271NP Datasheet HTML 2Page - Littelfuse SMOV25S271NP Datasheet HTML 3Page - Littelfuse SMOV25S271NP Datasheet HTML 4Page - Littelfuse SMOV25S271NP Datasheet HTML 5Page - Littelfuse SMOV25S271NP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 05/23/14
Varistor Products
Thermally Protected Varistors > SMOV25S Series
Product Dimensions
31Max
16.5Max
2±0.3
3.5±0.2
3*0.6±0.2
0.3±0.2
1.3±0.3
1.4±0.2
0.5±0.2
4.0±1.2
13.4±0.2
LF 9
SMOV25S321MP
1148
3.5±0.2
Application Example
Thermal
disconnect
MOV
S1 ON
S3 Common
S2 OFF
P1
P2
Primary side
Secondary side
Galvanic isolation
Note: EXAMPLE ONLY - Connection to S2-S3 and S1-S3
depends on customer indication circuit and can vary.
R
LED
* LED is off when the product is normal(S1,S3 connected),
LED is on when the product disconect opens(switch change
status; S2,S3 connected as shown by dotted line ).
Thermal
disconnect
MOV
S1 ON
(Normal Close)
S3 Common
S2 OFF
(Normal open)
P1
P2
Primary side
Secondary side
Galvanic isolation
LF9
SMOVXXS321MP
1209
S2 S3 S1
P2
P1
P2
P1
S2 S3 S1
Thermal
disconnect
MOV
S1 ON
S3 Common
S2 OFF
P1
P2
Primary side
Secondary side
Galvanic isolation
Note: EXAMPLE ONLY - Connection to S2-S3 and S1-S3
depends on customer indication circuit and can vary.
R
LED
* LED is off when the product is normal(S1,S3 connected),
LED is on when the product disconect opens(switch change
status; S2,S3 connected as shown by dotted line ).
Thermal
disconnect
MOV
S1 ON
(Normal Close)
S3 Common
S2 OFF
(Normal open)
P1
P2
Primary side
Secondary side
Galvanic isolation
LF9
SMOVXXS321MP
1209
S2 S3 S1
P2
P1
P2
P1
S2 S3 S1
Lead Configuration
SMOV Switch
Voltage DC
Current (Amps)
Contact Resistance Max. Insulation Resistance Min.
Dialectric Strength
0.5mA/Minute
Switch
12V
0.1A
70mΩ
100MΩ
500VAC
Switch Specification


Similar Part No. - SMOV25S271NP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMOV25S LITTELFUSE-SMOV25S Datasheet
1Mb / 6P
   The Littelfuse SMOV thermally portected varistor is a self-protected device.
More results

Similar Description - SMOV25S271NP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
V14E385PL1T5 LITTELFUSE-V14E385PL1T5 Datasheet
1,011Kb / 11P
   UltraMOV??Varistor Series
logo
MDE Semiconductor, Inc.
V131BA60 MDE-V131BA60 Datasheet
723Kb / 2P
   Series Block Varistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com