Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-012P8T Datasheet(PDF) 5 Page - Rohm

Part # SML-012P8T
Description  Reflector type (3.0x2.0mm, t 1.3mm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-012P8T Datasheet(HTML) 5 Page - Rohm

  SML-012P8T Datasheet HTML 1Page - Rohm SML-012P8T Datasheet HTML 2Page - Rohm SML-012P8T Datasheet HTML 3Page - Rohm SML-012P8T Datasheet HTML 4Page - Rohm SML-012P8T Datasheet HTML 5Page - Rohm SML-012P8T Datasheet HTML 6Page - Rohm SML-012P8T Datasheet HTML 7Page - Rohm SML-012P8T Datasheet HTML 8Page - Rohm SML-012P8T Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 Series
lElectrical Characteristics Curves
 
1
10
100
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-40
-20
0
20
40
60
80
100
0.0
0.4
0.8
1.2
1.6
0
5
10
15
20
25
30
0
10
20
30
40
-40
-20
0
20
40
60
80
100
Fig.1 Forward Current - Forward Voltages
FORWARD VOLTAGE : V
F [V]
Fig.2 Luminous Intensity -
Atmosphere Temperature
ATMOSPHERE TEMPERATURE : Ta [ºC]
Fig.3 Luminous Intensity - Forward Current
FORWARD CURRENT : I
F [mA]
Fig.4 Derating
AMBIENT TEMPERATURE : Ta [ºC]
Ta=25ºC
Ta=25ºC
I
F=20mA
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
SML-012VT(A)
SML-012PT(A)
5/10
2014.11 - Rev.D


Similar Part No. - SML-012P8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8T ROHM-SML-012P8T Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-012P8T ROHM-SML-012P8T Datasheet
104Kb / 2P
   Chip LEDs with Reflector Standard Type
SML-012P8T ROHM-SML-012P8T Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-012P8T ROHM-SML-012P8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-012P8T ROHM-SML-012P8T Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-012P8T

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
   Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3021P3S KINGBRIGHT-AA3021P3S Datasheet
228Kb / 5P
   3.0x2.0mm PHOTOTRANSISTOR
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com