Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-011YT Datasheet(PDF) 10 Page - Rohm

Part # SML-011YT
Description  Reflector type (3.0x2.0mm, t 1.3mm)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-011YT Datasheet(HTML) 10 Page - Rohm

Back Button SML-011YT Datasheet HTML 3Page - Rohm SML-011YT Datasheet HTML 4Page - Rohm SML-011YT Datasheet HTML 5Page - Rohm SML-011YT Datasheet HTML 6Page - Rohm SML-011YT Datasheet HTML 7Page - Rohm SML-011YT Datasheet HTML 8Page - Rohm SML-011YT Datasheet HTML 9Page - Rohm SML-011YT Datasheet HTML 10Page - Rohm SML-011YT Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-01 Series
2014.11 - Rev.D
10/10
4-5. Soldering Pattern for Recommendation
We recommend the soldering pattern that shows on the right. It will be
different according to mounting situation of circuit board,therefore, please
concern before designing.
*
The product has adopted the electrode structure that it should solder with
back electrode of the product. Thus, please be informed that the shape
of electrode pin of solder fillet formation is not guaranteed.
4-6. Reflow Profile
For reflow profile, please refer to the conditions below:(*)
• Meaning of marks, Conditions
Mark
Meanings
Conditions
Tsmax Maximum of pre-heating temperature
180ºC
Tsmin Minimum of pre-heating temperature
140ºC
Ts
Time from Tsmin to Tsmax
Over 60sec.
TL
Reference temperature
220 to 250ºC
tL
Retention time for TL
Within 40sec.
TP
Peak temperature
250ºC(Max)
tP
Time for peak temperature
Within 10sec.
ΔTR/Δt
Temperature rising rate
Under 3ºC/sec.
ΔTD/Δt
Temperature decreasing rate
Over -3ºC/sec.
*
Above conditions are for reference. Therefore, evaluate by customer’s own circuit boards and reflow furnaces
before using, because stress from circuit boards and temperature variations of reflow furnaces vary by
customer’s own conditions.
4-7. Cleaning after Soldering
Please follow the conditions below if the cleaning is necessary after soldering.
Solvent
We recommend to use alcohols solvent such as, isopropyl alcohols
Temperature
Under 30ºC within 3 minutes
Ultrasonic Cleaning
15W / Below 1 liter (capacity of tank)
Drying
Under 100ºC within 3 minutes
Stress strength according to
the mounting position:
A>B>C>D
(Fig-1)
4-4. Mechanical Stress after Mounting
The mechanical stress may damage the LED after Circuit Mounting, so please pay attention to the touch on
product.


Similar Part No. - SML-011YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-011YT ROHM-SML-011YT Datasheet
349Kb / 3P
   High Brightness Type Chip LEDs with reflector
SML-011YT ROHM-SML-011YT Datasheet
148Kb / 3P
   SML-01 Series Reflector improved the concentration of viewing angle
SML-011YT ROHM-SML-011YT Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML-011YT ROHM-SML-011YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
SML-011YT ROHM-SML-011YT Datasheet
1Mb / 5P
   Reflector improved the concentration of viewing angle and luminous intensity to the front direction
More results

Similar Description - SML-011YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-012P8TT86 ROHM-SML-012P8TT86 Datasheet
441Kb / 11P
   Reflector type (3.0횞2.0mm, t=1.3mm)
SML-01 ROHM-SML-01_11 Datasheet
2Mb / 5P
   Reflector type (3.0 x 2.0mm, t=1.3mm
SML013WB ROHM-SML013WB Datasheet
103Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> High Brightness Type
SML012BCTT86T ROHM-SML012BCTT86T Datasheet
120Kb / 3P
   Chip LEDs with Reflector 1208<3.0 2.0 t=1.3mm> Medium / High Brightness Type
logo
List of Unclassifed Man...
SPMWHT520AN2BAA0S0 ETC2-SPMWHT520AN2BAA0S0 Datasheet
1Mb / 18P
   Lead Frame Type LED Package (5.2 * 6.0 * t 1.3mm)
logo
Maxim Integrated Produc...
MAX44269 MAXIM-MAX44269 Datasheet
3Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 0; 9/11
logo
Kingbright Corporation
AA3021P3S KINGBRIGHT-AA3021P3S Datasheet
228Kb / 5P
   3.0x2.0mm PHOTOTRANSISTOR
logo
OKI electronic componet...
OPU817 OKI-OPU817 Datasheet
52Kb / 6P
   Reflector-Type Photo Interrupter
logo
Lucky Light Electronic
GB-F3128 LUCKY-LIGHT-GB-F3128 Datasheet
55Kb / 1P
   SMD LED REFLECTOR TYPE)
logo
Maxim Integrated Produc...
MAX44269_1112 MAXIM-MAX44269_1112 Datasheet
2Mb / 14P
   1.3mm x 1.3mm, Low-Power Dual Comparator
Rev 1; 12/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com