Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMBZ5221B Datasheet(PDF) 8 Page - Hi-Sincerity Mocroelectronics

Part # HMBZ5221B
Description  ZENER DIODES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HMBZ5221B Datasheet(HTML) 8 Page - Hi-Sincerity Mocroelectronics

Back Button HMBZ5221B Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 8Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 9Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 10Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 11Page - Hi-Sincerity Mocroelectronics HMBZ5221B Datasheet HTML 12Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6803
Issued Date : 1995.12.28
Revised Date : 2002.10.28
Page No. : 8/12
HMBZ52XXB Series
HSMC Product Specification
HMBZ5242B Forward Voltage & Forward Current
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
HMBZ5242B Reverse Voltage & Reverse Current
0
50
100
150
200
250
300
11500 11600 11700 11800 11900 12000 12100 12200 12300
Reverse Voltage (mV)
HMBZ5243B Forward Voltage & Forward Current
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
HMBZ5243B Reverse Voltage & Reverse Current
0
50
100
150
200
250
300
8000
9000
10000
11000
12000
13000
14000
Reverse Voltage (mV)
HMBZ5245B Forward Voltage & Forward Current
0
50
100
150
200
250
300
0
200
400
600
800
1000
1200
Forward Voltage (mV)
HMBZ5245B Reverse Voltage & Reverse Current
0
50
100
150
200
250
300
11000
12000
13000
14000
15000
16000
Reverse Voltage (mV)


Similar Part No. - HMBZ5221B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HMB MACOM-HMB Datasheet
86Kb / 2P
   HALF SIZE HIGH PERFORMANCE RELAYS
HMB MACOM-HMB Datasheet
101Kb / 3P
   HALF SIZE HIGH PERFORMANCE RELAYS
logo
Lanner All Rights Reser...
HMB-1010 LANNER-HMB-1010 Datasheet
136Kb / 1P
   x86 Control Board for HLM-1020
HMB-6110 LANNER-HMB-6110 Datasheet
1Mb / 2P
   High Availability Chassis 2U Telecom Network Appliance with 2 x86 CPU Blades and 2 I/O Blades
HMB-6110 LANNER-HMB-6110 Datasheet
698Kb / 2P
   High Availability Chassis 4U Telecom Network Appliance with 4 x86 CPU Blades and 2x Switch blades for redundancy, Storage blades with 10x NVMe SSD or Network blades
More results

Similar Description - HMBZ5221B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com