Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD120S Datasheet(PDF) 2 Page - NEC

Part No. RD120S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD120S Datasheet(HTML) 2 Page - NEC

  RD120S Datasheet HTML 1Page - NEC RD120S Datasheet HTML 2Page - NEC RD120S Datasheet HTML 3Page - NEC RD120S Datasheet HTML 4Page - NEC RD120S Datasheet HTML 5Page - NEC RD120S Datasheet HTML 6Page - NEC RD120S Datasheet HTML 7Page - NEC RD120S Datasheet HTML 8Page - NEC RD120S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
RD2.0S to RD120S
2
Data Sheet D11444EJ3V0DS00
ELECTRICAL CHARACTERISTICS (TA = 25
± 2 °C)
Type Number
Class
Zener Voltage
Dynamic
Reverse Current
Vz (V)Note 1
Impedance Zz (
Ω)Note 2
IR (
µA)
MIN.
MAX.
Iz (mA)
MAX.
Iz (mA)
MAX.
VR (V)
RD2.0S
B
1.90
2.20
5
100
5
120
0.5
RD2.2S
B
2.10
2.40
5
100
5
120
0.7
RD2.4S
B
2.30
2.60
5
100
5
120
1.0
RD2.7S
B
2.50
2.90
5
110
5
120
1.0
B1
2.50
2.75
B2
2.65
2.90
RD3.0S
B
2.80
3.20
5
120
5
50
1.0
B1
2.80
3.05
B2
2.95
3.20
RD3.3S
B
3.10
3.50
5
130
5
20
1.0
B1
3.10
3.35
B2
3.25
3.50
RD3.6S
B
3.40
3.80
5
130
5
10
1.0
B1
3.40
3.65
B2
3.55
3.80
RD3.9S
B
3.70
4.10
5
130
5
10
1.0
B1
3.70
3.97
B2
3.87
4.10
RD4.3S
B
4.00
4.49
5
130
5
10
1.0
B1
4.00
4.22
B2
4.14
4.35
B3
4.27
4.49
RD4.7S
B
4.40
4.92
5
130
5
10
1.0
B1
4.40
4.63
B2
4.53
4.77
B3
4.67
4.92
RD5.1S
B
4.82
5.39
5
130
5
5
1.5
B1
4.82
5.06
B2
4.96
5.22
B3
5.12
5.39
RD5.6S
B
5.29
5.94
5
80
5
5
2.5
B1
5.29
5.57
B2
5.47
5.75
B3
5.65
5.94
RD6.2S
B
5.84
6.55
5
50
5
2
3.0
B1
5.84
6.14
B2
6.04
6.35
B3
6.24
6.55


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn