Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD120S Datasheet(PDF) 1 Page - NEC

Part No. RD120S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD120S Datasheet(HTML) 1 Page - NEC

  RD120S Datasheet HTML 1Page - NEC RD120S Datasheet HTML 2Page - NEC RD120S Datasheet HTML 3Page - NEC RD120S Datasheet HTML 4Page - NEC RD120S Datasheet HTML 5Page - NEC RD120S Datasheet HTML 6Page - NEC RD120S Datasheet HTML 7Page - NEC RD120S Datasheet HTML 8Page - NEC RD120S Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1995
DATA SHEET
ZENER DIODES
RD2.0S to RD120S
DESCRIPTION
Type RD2.0S to RD120S Series are 2 PIN Super Mini
Mold Package zener diodes possessing an allowable power
dissipation of 200 mW.
FEATURES
Sharp Breakdown characteristic.
Vz: Applied E24 standard.
APPLICATIONS
Circuit for Constant Voltage, Constant Current, Wave form
Clipper, Surge absorber, etc.
Document No. D11444EJ3V0DS00 (3rd edition)
Date Published March 1999 N CP(K)
Printed in Japan
PACKAGE DIMENSIONS
(in millimeter)
ZENER DIODES
200 mW 2 PINS SUPER MINI MOLD
2.5±0.15
1.7±0.1
Cathode
Indication
(in millimeters)
PACKAGE DIMENSIONS
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
Power Dissipation
P
200 mW
Forward Current
IF
100 mA
Reverse Surge Power
PRSM
85 W (at t=10
µs/1 pulse) Show Fig. 12
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–55 to +150
°C
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for availability
and additional information.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn