Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD120S Datasheet(PDF) 6 Page - NEC

Part No. RD120S
Description  ZENER DIODES 200 mW 2 PINS SUPER MINI MOLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

RD120S Datasheet(HTML) 6 Page - NEC

Back Button RD120S Datasheet HTML 2Page - NEC RD120S Datasheet HTML 3Page - NEC RD120S Datasheet HTML 4Page - NEC RD120S Datasheet HTML 5Page - NEC RD120S Datasheet HTML 6Page - NEC RD120S Datasheet HTML 7Page - NEC RD120S Datasheet HTML 8Page - NEC RD120S Datasheet HTML 9Page - NEC RD120S Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
RD2.0S to RD120S
6
Data Sheet D11444EJ3V0DS00
Fig. 4 ZENER CURRENT vs. ZENER VOLTAGE
Fig. 5 ZENER CURRENT vs. ZENER VOLTAGE
Fig. 6 ZENER CURRENT vs. ZENER VOLTAGE
Fig. 7 ZENER CURRENT vs. ZENER VOLTAGE
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0
16182022 24
26 28
30 32
Vz - Zener Voltage - V
RD22S
RD27S
RD24S
RD30S
TA = 25 °C
TYP
µ
µ
µ
100 m
10 m
1 m
10
1
100 n
10 n
1 n
Vz - Zener Voltage - V
RD33S
100
025
30
35
40
RD36S
RD39S
TA = 25 °C
TYP
µ
µ
µ
100 m
10 m
1 m
10
1
100 n
10 n
1 n
RD56S
100
0 30
60
90
120
RD68S
Vz - Zener Voltage - V
RD47S
RD43S
RD62S
RD75S
RD82S
RD120S
RD110S
RD100S
RD91S
TA = 25 °C
TYP
µ
µ
µ
100 m
10 m
1 m
100
10
1
100 n
10 n
1 n
0
12131415 16
17 18
19 20
TA = 25 °C
TYP
Vz - Zener Voltage - V
RD15S
RD18S
RD16S
RD20S
µ
µ
µ


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn