Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1030A Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S-1030A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-1030A Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  S-1030A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1030A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
S-1000A/2000A
ROTARY CODED SWITCHES
■外形寸法図 OUTLINE DIMENSIONS
Unless otherwise specified, tolerance:
± 0.3 (Unit: mm)
(S-1200A/2200A series)
O S-1210A
O S-1230A
Top setting
O S-1211A
O S-1231A
Side setting
O S-2210A
O S-2230A
Top setting
O S-2211A
O S-2231A
Side setting
4
3 5
10
±0.2
12
7.62
C
8
4
2
1
4.5
±0.5
0.7 W
× 1 D
型式、製造年月記号
Part No. & Production date code
9
7
10
±0.2
5
11.5
C
84 2 1
0.7 W
× 1 D
2.54
2.54
2.54
5 – 0.5
±0.1
t = 0.2
6
5.08
型式、製造年月記号
Part No. & Production date code
3
2
10
(0.212
7.62
4.5
(0.5
0.7 W
= 1 D
型式、製造年月記号
Part No. & Production date code
6
4
10
(0.2
5
11.5
C
⑧④ ② ①
0.7 W
= 1 D
2.54
2.54
2.54
5 – 0.5
(0.1
t = 0.2
Part No. & Production date code
6
5.08
型式、製造年月記号

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
   
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
   
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


Similar Part No. - S-1030A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1031A ETC2-S-1031A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
S-103T ETC2-S-103T Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
More results

Similar Description - S-1030A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com