Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1211A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # S-1211A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-1211A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  S-1211A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1211A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
■長軸用ノブ付品 SWITCHES WITH KNOB AS EXTENDED SHAFT
(Unit: mm)
■平ノブ付キンク加工品(受注生産)
Snap-in terminal pin with translucent knob with flange (Made to order basis)
O S-1200AK and S-2200AK
10
0.7
※ノブは固定されているため、取り外しはできません。ノブ単体での販売はしておりません。
Knob can’t be dettached due to being fixed. Simple knob can’t be sold.
ノブは、S-1000A、S-2000A、SA-5000、SS-10 共用です。
The large knob is common to S-1000A, S-2000A, SA-5000 and SS-10 series.
■包装仕様
〈ポリ袋の包装仕様〉
O ポリ袋での最小包装は、10 個 / 袋となりますので、10 個単位
(10個、20個、30個…)
でのご注文をお願い致します。
O ポリ袋の箱詰めは、25 個以上(標準は 50 個)
を製品箱に包装
致します。
PACKAGING SPECIFICATIONS
<Bulk pack specifications>
O The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack.
Orders will be accepted for unit of minimum 10 pcs., i.e.,
10, 20, 30 pcs. , etc.
O Boxing of bulk in a plastic bag is performed with 25 pcs.
(standard 50 pcs.) per box.
〈トレイの包装仕様〉
O トレイでの最小包装は、50 個 /トレイとなりますので、50 個単
(50 個、100 個、150 個…)
でのご注文をお願い致します。
O トレイの箱詰めは、10トレイごとに製品箱に包装致します。
<Tray packaging specifications>
O Tray version is packaged in 50 pcs. per tyay. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
O Tray version is boxed with 10 trays.
S-1000A/2000A
ROTARY CODED SWITCHES

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


Similar Part No. - S-1211A

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
logo
Seiko Instruments Inc
S-1212B25-E6T1U SII-S-1212B25-E6T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B25-E8T1U SII-S-1212B25-E8T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B25-M5T1U SII-S-1212B25-M5T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1212B25-S8T1U SII-S-1212B25-S8T1U Datasheet
3Mb / 58P
   LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Similar Description - S-1211A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com