Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1111A Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # S-1111A
Description  ROTARY CODED SWITCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S-1111A Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  S-1111A Datasheet HTML 1Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 2Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 3Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 4Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 5Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 6Page - List of Unclassifed Manufacturers S-1111A Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
■標準仕様
STANDARD SPECIFICATIONS
回路構成
Circuit type
使用温度範囲
Operating temperature range
保存温度範囲
Storage temperature range
シール性
Sealing
質 量
Net weight
BCD (Real code, complementary code)
BCH (Real code, complementary code)
−40 ~ 85 °C
洗浄可能 Washable by “O” ring
※ 詳細は 150、151 ページをご覧下さい。
※Please refer to page 150,151
Approx. 0.87 g
(S-1010A, S-1030A, S-2010A, S-2030A)
Approx. 1.13 g
(S-1011A, S-1031A, S-2011A, S-2031A)
Approx. 0.97 g
(S-1110A, S-1130A, S-2110A, S-2130A)
Approx. 1.23 g
(S-1111A, S-1131A, S-2111A, S-2131A)
Approx. 1.02 g
(S-1210A, S-1230A, S-2210A, S-2230A)
Approx. 1.28 g
(S-1211A, S-1231A, S-2211A, S-2231A)
ポジション数
No. of positions
回転トルク
Adjustment torque
ステップ角度
Stepping angle
端子強度
Terminal strength
はんだ付け性
Solderability
16 (S-1000A), 10 (S-2000A)
13 mN·m {133 gf·cm} minimum
22.5° (S-1000A), 36° (S-2000A)
245
± 3 °C, 2 ~ 3 s
15 N {1.53 kgf} minimum
接点定格
Contact rating
Non-switching
Switching
Minimum
接触抵抗
Contact resistance
絶縁抵抗
Insulation resistance
耐電圧
Dielectric strength
DC50 V 100 mA
DC5 V 100 mA
DC20 mV 1
μA
1000 M
Ω (DC100 V) minimum
100 m
Ω maximum
AC300 V, 60 s
耐衝撃性
Shock
耐久性
Load life
耐湿性(定常状態)
Humidity (Steady state)
耐熱性
High temperature exposure
耐寒性
Low temperature exposure
温度サイクル
Thermal shock
振幅 (Amplitude) 1.5 mm(全振幅)or
加速度 (Acceleration) 98 m/s
2,
10-500-10 Hz, 3 directions for 2 h each
490 m/s
2, 11 ms
6 directions for 3 times each
10000 steps
DC5 V, 100 mA
85 °C, 1000 h
抵抗負荷 Resistance load DC50V 100mA
60 °C,
相対湿度 Relative humidity 90 ~ 95 %, 1000 h
−40 °C, 96 h
−40 (0.5 h) ~ 85 °C ( 0.5 h ), 5 cycles
■機械的特性
MECHANICAL CHARACTERISTICS
■環境特性
ENVIRONMENTAL CHARACTERISTICS
■電気的特性
ELECTRICAL CHARACTERISTICS
耐振性
Vibration
{ } : 参考値 Reference only
フロー:260
± 3 °C の槽内に端子先
端から基板の裏面まで 5 ∼
6 秒間浸漬を 2 回
Flow : 260
± 3 °C as the temperature in
a pot of molten solder, immersion
from head of terminal to backside
of board, 5 ~ 6 s, two times
maximum
はんだ耐熱性
Soldering heat
手はんだ Manual soldering
380
± 10 °C, 3 ~ 4 s
S-1000A/2000A
ROTARY CODED SWITCHES

ディップスイッチ
照光式スイッチ
押ボタンスイッチ
レバー・ロッカー
スイッチ
トグルスイッチ
スライドスイッチ
ロータリー
スイッチ
キースイッチ
トリガースイッチ
フラットスイッチ


Similar Part No. - S-1111A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S-1111A ETC2-S-1111A Datasheet
191Kb / 7P
   ROTARY CODED SWITCHES
More results

Similar Description - S-1111A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SC-1031W ETC2-SC-1031W Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-8000 COPAL-S-8000 Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
SA-5000 COPAL-SA-5000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SC-1000 COPAL-SC-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000 Datasheet
1Mb / 8P
   ROTARY CODED SWITCHES
SD-1000 COPAL-SD-1000_16 Datasheet
489Kb / 2P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
S-8131 ETC2-S-8131 Datasheet
146Kb / 4P
   ROTARY CODED SWITCHES
logo
Copal Electronics
S-1000A COPAL-S-1000A Datasheet
1Mb / 7P
   ROTARY CODED SWITCHES
logo
List of Unclassifed Man...
SC-2030 ETC2-SC-2030 Datasheet
270Kb / 8P
   ROTARY CODED SWITCHES
logo
Copal Electronics
RD_SERIES COPAL-RD_SERIES Datasheet
1Mb / 4P
   ROTARY CODED SWITCHES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com