Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI6963DQ-T1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SI6963DQ-T1
Description  Dual P-Channel 2.5-V (G-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI6963DQ-T1 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI6963DQ-T1 Datasheet HTML 1Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 2Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 3Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 4Page - Vishay Siliconix SI6963DQ-T1 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Si6963DQ
Vishay Siliconix
New Product
Document Number: 71812
S-20220—Rev. D, 01-Apr-02
www.vishay.com
1
Dual P-Channel 2.5-V (G-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
20
0.050 @ VGS = - 4.5 V
- 3.5
-20
0.085 @ VGS = - 2.5 V
- 2.7
Si6963DQ
D1
S1
S1
G1
1
2
3
4
8
7
6
5
D2
S2
S2
G2
TSSOP-8
Top View
D
S1
G1
D1
P-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 sec
Steady State
Unit
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
"12
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
- 3.5
- 3.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
- 2.8
- 2.5
A
Pulsed Drain Current
IDM
-30
A
Continuous Source Current (Diode Conduction)a
IS
- 1.25
- 0.7
Maximum Power Dissipationa
TA = 25_C
PD
1.14
0.83
W
Maximum Power Dissipationa
TA = 70_C
PD
0.73
0.53
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi
ta
t
v 10 sec
R
86
110
Maximum Junction-to-Ambienta
Steady State
RthJA
124
150
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
52
165
Notes
a.
Surface Mounted on FR4 Board.


Similar Part No. - SI6963DQ-T1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SI6963DQ FAIRCHILD-SI6963DQ Datasheet
98Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - SI6963DQ-T1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9933BDY VISHAY-SI9933BDY_V01 Datasheet
102Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
18-Jul-08
SI6963BDQ VISHAY-SI6963BDQ Datasheet
69Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 15-Mar-04
SI5903DC VISHAY-SI5903DC_08 Datasheet
134Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 05-Aug-02
SI1903DL VISHAY-SI1903DL_08 Datasheet
93Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
S-50694-Rev. C, 18-Apr-05
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI1903DL VISHAY-SI1903DL_V01 Datasheet
110Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6963BDQ VISHAY-SI6963BDQ_V01 Datasheet
107Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI5903DC-T1-E3 VISHAY-SI5903DC-T1-E3 Datasheet
229Kb / 9P
   Dual P-Channel 2.5 V (G-S) MOSFET
Rev. C, 08-Mar-10
SI6963BDQ VISHAY-SI6963BDQ_06 Datasheet
210Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI4963BDY VISHAY-SI4963BDY_07 Datasheet
71Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 16-Feb-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com