Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T8008 Datasheet(PDF) 7 Page - Pulse A Technitrol Company

Part # T8008
Description  COMMON MODE CHOKE CATALOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T8008 Datasheet(HTML) 7 Page - Pulse A Technitrol Company

Back Button T8008 Datasheet HTML 3Page - Pulse A Technitrol Company T8008 Datasheet HTML 4Page - Pulse A Technitrol Company T8008 Datasheet HTML 5Page - Pulse A Technitrol Company T8008 Datasheet HTML 6Page - Pulse A Technitrol Company T8008 Datasheet HTML 7Page - Pulse A Technitrol Company T8008 Datasheet HTML 8Page - Pulse A Technitrol Company T8008 Datasheet HTML 9Page - Pulse A Technitrol Company T8008 Datasheet HTML 10Page - Pulse A Technitrol Company T8008 Datasheet HTML 11Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.pulseeng.com
7
G002.H (9/07)
US 619 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
THROUGH HOLE
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
Electrical Specifications @ 25°C
Reduces radiated EMI emissions
Filters common mode noise for
EMI reduction
Common mode attenuation from
100 KHz to 1 GHz
Tube packaging available for
through hole parts
Primary
Page
Inductance
Common Mode Attenuation
Number
Part
No. of
OCL
(dB TYP)
DCR
of Mech.
Number
Lines
(µH MIN)
(
Ω MAX)
& Schem.
100 KHz
1 MHz
10 MHz
30 MHz
50 MHz 100 MHz
300 MHz 500 MHz 1 GHz
PE-65944
2
24
1
14
28
32
33
28
13
5
0.30
9
23Z107
2
68
8
25
33
32
30
27
18
12
0.20
10
PE-67531
2
140
14
34
45
49
50
47
38
32
25
0.60
9
B2005
2
9000
47
47
41
30
22
33
21
15
15
1.0
10
PE-65554
4
24
21
32
38
39
34
24
13
0.30
8
42Z4000
4
36
8
24
37
40
40
38
30
24
0.20
10
PE-67501
4
50
14
34
45495047
20
15
10
0.30
9
PE-68002
4
68
7
24
37
41
42
40
31
27
0.35
9
23Z104
4
85
8
23
29
29
28
25
17
11
0.20
10
PE-67539
4
140
14
33
44
48
48
43
33
28
19
0.60
9
PE-65542
4
1000
28
41
42
32
22
0.70
8
PT5039
4
3600
42
43
42
32
27
17
15
9
13
0.50
8
J0010D11
4
9
13
32353529
13
24
19
0.50
11
PE-65950
4
4700±30%
40
51
37
28
23
20
1.00
8
PE-65541
4
6000
44
54
33
32
29
1.40
8
PE-68613
4
3290
40
51
37
28
23
20
1.00
11
PE-64683
6
25
6
18
32
38
37
32
21
17
0.35
8


Similar Part No. - T8008

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T8008 PULSE-T8008 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
T8008 PULSE-T8008 Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
T8008 PULSE-T8008 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
More results

Similar Description - T8008

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-69011NL PULSE-PE-69011NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG
PE-68624T PULSE-PE-68624T Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com