Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA169V Datasheet(PDF) 34 Page - ATMEL Corporation

Part # ATMEGA169V
Description  Non-volatile Program and Data Memories
Download  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA169V Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button ATMEGA169V_14 Datasheet HTML 30Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 31Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 32Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 33Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 34Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 35Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 36Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 37Page - ATMEL Corporation ATMEGA169V_14 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 365 page
background image
34
ATmega169/V
2514P–AVR–07/06
The LCD controller and Timer/Counter2 can be clocked both synchronously and asyn-
chronously in Power-save mode. The clock source for the two modules can be selected
independent of each other. If neither the LCD controller nor the Timer/Counter2 is using
the asynchronous clock, the Timer/Counter Oscillator is stopped during sleep. If neither
the LCD controller nor the Timer/Counter2 is using the synchronous clock, the clock
source is stopped during sleep. Note that even if the synchronous clock is running in
Power-save, this clock is only available for the LCD controller and Timer/Counter2.
Standby Mode
When the SM2..0 bits are 110 and an external crystal/resonator clock option is selected,
the SLEEP instruction makes the MCU enter Standby mode. This mode is identical to
Power-down with the exception that the Oscillator is kept running. From Standby mode,
the device wakes up in six clock cycles.
Notes:
1. Only recommended with external crystal or resonator selected as clock source.
2. If either LCD controller or Timer/Counter2 is running in asynchronous mode.
3. For INT0, only level interrupt.
Power Reduction
Register
The Power Reduction Register, PRR, provides a method to stop the clock to individual
peripherals to reduce power consumption. The current state of the peripheral is frozen
and the I/O registers can not be read or written. Resources used by the peripheral when
stopping the clock will remain occupied, hence the peripheral should in most cases be
disabled before stopping the clock. Waking up a module, which is done by clearing the
bit in PRR, puts the module in the same state as before shutdown.
Module shutdown can be used in Idle mode and Active mode to significantly reduce the
overall power consumption. See “Supply Current of I/O modules” on page 310 for exam-
ples. In all other sleep modes, the clock is already stopped.
Power Reduction Register -
PRR
• Bit 7..5 - Res: Reserved bits
These bits are reserved in ATmega169 and will always read as zero.
Table 15. Active Clock Domains and Wake-up Sources in the Different Sleep Modes.
Active Clock Domains
Oscillators
Wake-up Sources
Sleep Mode clk
CPU
clk
FLASH
clk
IO
clk
ADC
clk
ASY
Main Clock
Source
Enabled
Timer
Osc
Enabled
INT0
and Pin
Chang
e
USI Start
Condition
LCD
Controller Timer2
SPM/
EEPROM
Ready
ADC
Other
I/O
Idle
X
X
X
X
X(2)
XX
X
X
X
X
X
ADC Noise
Reduction
X
X
X
X(2)
X(3)
XX(2)
X(2)
XX
Power-down
X(3)
X
Power-save
X
X
X(3)
XX
X
Standby(1)
XX(3)
X
Bit
765
4
3
2
1
0
PRLCD
PRTIM1
PRSPI
PRUSART0
PRADC
PRR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0


Similar Part No. - ATMEGA169V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA169V-8AI ATMEL-ATMEGA169V-8AI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8AI ATMEL-ATMEGA169V-8AI Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8AU ATMEL-ATMEGA169V-8AU Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8AU ATMEL-ATMEGA169V-8AU Datasheet
297Kb / 26P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA169V-8MI ATMEL-ATMEGA169V-8MI Datasheet
3Mb / 365P
   8-bit Microcontroller with 16K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA169V_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA256A3 ATMEL-ATXMEGA256A3_14 Datasheet
3Mb / 134P
   Non-volatile Program and Data Memories
ATXMEGA16A4 ATMEL-ATXMEGA16A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA165 ATMEL-ATMEGA165_14 Datasheet
3Mb / 336P
   Non-volatile Program and Data Memories
ATXMEGA128A4 ATMEL-ATXMEGA128A4_14 Datasheet
3Mb / 108P
   Non-volatile Program and Data Memories
ATMEGA8U2 ATMEL-ATMEGA8U2_14 Datasheet
4Mb / 310P
   Non-volatile Program and Data Memories
ATMEGA169 ATMEL-ATMEGA169_14 Datasheet
3Mb / 365P
   Non-volatile Program and Data Memories
ATMEGA323 ATMEL-ATMEGA323_14 Datasheet
3Mb / 247P
   Non-volatile Program and Data Memories
ATTINY44 ATMEL-ATTINY44_14 Datasheet
4Mb / 238P
   Non-Volatile Program and Data Memories
ATXMEGA256A3B ATMEL-ATXMEGA256A3B_14 Datasheet
3Mb / 109P
   Non-volatile Program and Data Memories
AT90CAN64 ATMEL-AT90CAN64_14 Datasheet
5Mb / 428P
   Non volatile Program and Data Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com