Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16L Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC807-16L
Description  General Purpose Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC807-16L Datasheet(HTML) 2 Page - ON Semiconductor

  BC807-16L Datasheet HTML 1Page - ON Semiconductor BC807-16L Datasheet HTML 2Page - ON Semiconductor BC807-16L Datasheet HTML 3Page - ON Semiconductor BC807-16L Datasheet HTML 4Page - ON Semiconductor BC807-16L Datasheet HTML 5Page - ON Semiconductor BC807-16L Datasheet HTML 6Page - ON Semiconductor BC807-16L Datasheet HTML 7Page - ON Semiconductor BC807-16L Datasheet HTML 8Page - ON Semiconductor BC807-16L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
BC807−16L, SBC807-16L BC807−25L, SBC807-25L, BC807−40L, SBC807−40L
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = −10 mA)
V(BR)CEO
−45
V
Collector−Emitter Breakdown Voltage
(VEB = 0, IC = −10 mA)
V(BR)CES
−50
V
Emitter−Base Breakdown Voltage
(IE = −1.0 mA)
V(BR)EBO
−5.0
V
Collector Cutoff Current
(VCB = −20 V)
(VCB = −20 V, TJ = 150°C)
ICBO
−100
−5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −100 mA, VCE = −1.0 V)
BC807−16, SBC80−16L
BC807−25, SBC807−25L
BC807−40, SBC807−40L
(IC = −500 mA, VCE = −1.0 V)
hFE
100
160
250
40
250
400
600
Collector−Emitter Saturation Voltage
(IC = −500 mA, IB = −50 mA)
VCE(sat)
−0.7
V
Base −Emitter On Voltage
(IC = −500 mA, IB = −1.0 V)
VBE(on)
−1.2
V
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = −10 V, f = 1.0 MHz)
Cobo
10
pF
ORDERING INFORMATION
Device
Specific Marking
Package
Shipping
BC807−16LT1G
5A1
SOT−23
(Pb−Free)
3000/Tape & Reel
SBC807−16LT1G
BC807−16LT3G
5A1
SOT−23
(Pb−Free)
10,000/Tape & Reel
SBC807−25LT1G
BC807−25LT1G
5B1
SOT−23
(Pb−Free)
3000/Tape & Reel
SBC807−25LT1G
BC807−25LT3G
5B1
SOT−23
(Pb−Free)
10,000/Tape & Reel
SBC807−25LT3G
BC807−40LT1G
5C
SOT−23
(Pb−Free)
3000/Tape & Reel
SBC807−40LT1G
BC807−40LT3G
5C
SOT−23
(Pb−Free)
10,000/Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - BC807-16L

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BC807-16L AITSEMI-BC807-16L Datasheet
408Kb / 5P
   GENERAL PURPOSE TRANSISTORS
REV1.0
logo
Nexperia B.V. All right...
BC807-16L NEXPERIA-BC807-16L Datasheet
251Kb / 16P
   45 V, 500 mA PNP general-purpose transistors
Rev. 1 - 5 January 2018
logo
Motorola, Inc
BC807-16LT1 MOTOROLA-BC807-16LT1 Datasheet
90Kb / 4P
   General Purpose Transistors
logo
ON Semiconductor
BC807-16LT1 ONSEMI-BC807-16LT1 Datasheet
59Kb / 4P
   General Purpose Transistors(PNP Silicon)
June, 2004 ??Rev. 5
logo
Leshan Radio Company
BC807-16LT1 LRC-BC807-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(PNP Silicon)
More results

Similar Description - BC807-16L

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com