Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PS9711 Datasheet(PDF) 4 Page - NEC

Part No. PS9711
Description  HIGH NOISE REDUCTION/HIGH-SPEED 10 Mbps, TOTEM-POLE OUTPUT TYPE 5-PIN SOP TOM PHOTOCOUPLER
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

PS9711 Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Data Sheet P13103EJ3V0DS00
4
PS9711
ELECTRICAL CHARACTERISTICS (TA =
−−−−40 to +85 °C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
*1
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA, TA = 25
°C
1.4
1.65
1.9
V
Reverse Current
IR
VR = 3 V, TA = 25
°C10
µA
Terminal Capacitance
Ct
V = 0 V, f = 1 MHz, TA = 25
°C30
pF
Detector
High Level Output Current
IOH
VCC = VO = 5.5 V, IF = 250
µA
1
200
µA
High Level Output Voltage
VOH
VCC = 4.5 V, IF = 250
µA, IOH = −2 mA
2.4
3.0
V
Low Level Output Voltage
VOL
VCC = 4.5 V, IF = 7 mA, IO = 8 mA
0.38
0.6
V
High Level Supply Current
ICCH
VCC = 5.5 V, IF = 0 mA
11
17
mA
Low Level Supply Current
ICCL
VCC = 5.5 V, IF = 10 mA
12
18
mA
High Level Output Short
Circuit Current
IOSH
VCC = 5.5 V, VO = GND, IF = 0 mA,
10 ms or less
–26
mA
Low Level Output Short
Circuit Current
IOSL
VCC = VO = 5.5 V, IF = 8 mA,
10 ms or less
34
mA
Coupled
Threshold Input Current
IFHL
VCC = 5 V
TA = 25
°C2.0
5
mA
(H
→ L)
6
Threshold Input Current
IFLH
VCC = 5 V
TA = 25
°C0.5
mA
(L
→ H)
0.35
Isolation Resistance
RI-O
VI-O = 1 kVDC, RH = 40 to 60 %,
TA = 25
°C
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1 MHz, TA = 25
°C0.4
pF
Propagation Delay Time
tPHL
TA = 25
°C
153065
ns
(H
→ L)*2
VCC = 5 V, IF = 7.5 mA
10
85
Propagation Delay Time
tPLH
TA = 25
°C
153565
ns
(L
→ H)*2
VCC = 5 V, IF = 7.5 mA
10
85
Pulse Width Distortion
(PWD)
*2
tPHL-tPLH VCC = 5 V, IF = 7.5 mA
7
35
ns
Common Mode
Transient Immunity at High
Level Output
*3
CMH
VCC = 5 V, TA = 25
°C, IF = 0 mA,
VO (MIN.) = 2 V, VCM = 100 V
110
kV/
µs
Common Mode
Transient Immunity at Low
Level Output
*3
CML
VCC = 5 V, TA = 25
°C, IF = 7.5 mA,
VO (MAX.) = 0.8 V, VCM = 100 V
110
kV/
µs


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn