Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR092-C Datasheet(PDF) 36 Page - ATMEL Corporation

Part # ATAR092-C
Description  Up to 7 External/Internal Interrupt Sources
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092-C Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button ATAR092-C_14 Datasheet HTML 32Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 33Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 34Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 35Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 36Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 37Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 38Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 39Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
36
4593D–4BMCU–05/06
ATAR092-C/ATAR892-C
If the serial interface is used to modulate a bit-stream, the 4-bit stage of Timer 2 has a special
task. The shift register can only handle bit-stream lengths divisible by 8. For other lengths, the
4-bit counter stage can be used to stop the modulator after the right bit-count is shifted out.
If the timer is used for carrier frequency modulation, the 4-bit stage works together with an addi-
tional 2-bit duty cycle generator like a 6-bit prescaler to a generate carrier frequency and duty
cycle. The 8-bit counter is used to enable and disable the modulator output for a programmable
count of pulses.
For programming the time interval, the timer has a 4-bit and an 8-bit compare register. For pro-
gramming the timer function, it has four modes and control registers. The comparator output of
stage 2 is controlled by a special compare mode register (T2CM). This register contains mask
bits for the actions (counter reset, output toggle, timer interrupt) which can be triggered by a
compare match event or the counter overflow. This architecture enables the timer to function in
various modes.
Timer 2 has a 4-bit compare register (T2CO1) and an 8-bit compare register (T2CO2). Both
these compare registers are cascadable as a 12-bit compare register, or 8-bit compare register
and 4-bit compare register.
Figure 5-10. Timer 2
For 12-bit compare data value:
m = x + 1
0
≤x ≤4095
For 8-bit compare data value:
n = y + 1
0
≤y ≤255
For 4-bit compare data value:
l = z + 1
0
≤z ≤15
4-bit Counter 2/1
RES
OVF1
Compare 2/1
T2CO1
CM1
POUT
SSI POUT
CL2/2
DCG
T2M1
P4CR
8-bit Counter 2/2
RES
OVF2
Compare 2/2
T2CO2
T2CM
Control
TOG2
INT4
Bi-phase
Manchester
modulator
OUTPUT
MOUT
M2
to
Modulator 3
T2O
Timer 2
modulator
output-stage
T2M2
SO
Control
SSI
SSI
I/O-bus
T2C
CL2/1
T2I
SYSCL
T1OUT
TOG3
SCL
I/O-bus
DCGO


Similar Part No. - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com