Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR092-C Datasheet(PDF) 18 Page - ATMEL Corporation

Part # ATAR092-C
Description  Up to 7 External/Internal Interrupt Sources
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092-C Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button ATAR092-C_14 Datasheet HTML 14Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 15Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 16Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 17Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 18Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 19Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 20Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 21Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
18
4593D–4BMCU–05/06
ATAR092-C/ATAR892-C
Figure 4-17. Ceramic Resonator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
4.5.2.5
32-kHz Oscillator
Some applications require long-term time keeping or low resolution timing. In this case, an
on-chip, low power 32-kHz crystal oscillator can be used to generate both the SUBCL and the
SYSCL. In this mode, power consumption is greatly reduced. The 32-kHz crystal oscillator can-
not be stopped while the power-down mode is in operation.
Figure 4-18. 32-kHz Crystal Oscillator
Note:
Both, the 4-MHz and the 32-kHz crystal oscillator, use an integrated 14 stage divider circuit to sta-
bilize oscillation before the oscillator output is used as system clock. This results in an additional
delay of about 4 ms for the 4-MHz crystal and about 500 ms for the 32-kHz crystal.
4-MHz
oscillator
4Out
Stop
4Out
Osc-Stop
OSC1
OSC2
*
Oscin
C
1
*
C
2
Oscout
Cer.
Res
*
mask option
C
3
C
4
32-kHz
oscillator
32Out
32Out
OSC1
OSC2
*
Oscin
C
1
*
C
2
Oscout
XTAL
32 kHz
*
mask option


Similar Part No. - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com