Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATAR092-C Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATAR092-C
Description  Up to 7 External/Internal Interrupt Sources
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATAR092-C Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATAR092-C_14 Datasheet HTML 62Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 63Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 64Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 65Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 66Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 67Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 68Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 69Page - ATMEL Corporation ATAR092-C_14 Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
66
4593D–4BMCU–05/06
ATAR092-C/ATAR892-C
5.3.4.5
9-bit Shift Mode
In the 9-bit shift mode, the SSI is able to handle the MCL protocol (described below). It always
operates as an MCL master device, i.e., SC is always generated and output by the SSI. Both the
MCL start and stop conditions are automatically generated whenever the SSI is activated or
deactivated by the SIR-bit. In accordance with the MCL protocol, the output data is always
changed in the clock low phase and shifted in on the high phase.
Before activating the SSI (SIR = 0) and commencing an MCL dialog, the appropriate data direc-
tion for the first word must be set using the SDD control bit. The state of this bit controls the
direction of the data port (BP43 or MCL_SD). Once started, the 8 data bits are, depending on
the selected direction, either clocked into or out of the shift register. During the 9th clock period,
the port direction is automatically switched over so that the corresponding acknowledge bit can
be shifted out or read in. In transmit mode, the acknowledge bit received from the device is cap-
tured in the SSI Status Register (TACK) where it can be read by the controller. In receive mode,
the state of the acknowledge bit to be returned to the device is predetermined by the SSI Status
Register (RACK).
Changing the direction mode (TX/RX) should not be performed during the transfer of an MCL
telegram. One should wait until the end of the telegram which can be detected using the SSI
interrupt (IFN = 1) or by interrogating the ACT status.
Once started, a 9-bit telegram will always run to completion and will not be prematurely termi-
nated by the SIR bit. So, if the SIR-bit is set to 1 within the telegram, the SSI will complete the
current transfer and terminate the dialog with an MCL stop condition.
Figure 5-42. Example of MCL Transmit Dialog
7 6 54 32 1
7 65 4 3 2 1 0 A
msb
lsb
tx data 1
tx data 2
msb
lsb
Write STB
(tx data 1)
SC
SD
SRDY
ACT
Interrupt
(IFN = 0)
Interrupt
(IFN = 1)
0A
Write STB
(tx data 2)
SIR
SDD
Start
Stop


Similar Part No. - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-C ATMEL-ATAR092-C Datasheet
1Mb / 108P
   Low-current Microcontroller for Wireless Communication
More results

Similar Description - ATAR092-C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATAR092-D ATMEL-ATAR092-D_14 Datasheet
1Mb / 96P
   Up to 7 External/Internal Interrupt Sources
ATAR890-C ATMEL-ATAR890-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090 ATMEL-ATAR090_14 Datasheet
913Kb / 75P
   Up to 6 External/Internal Interrupt Sources
ATAR090-C ATMEL-ATAR090-C_14 Datasheet
835Kb / 80P
   Up to 6 External/Internal Interrupt Sources
ATAR090-D ATMEL-ATAR090-D_14 Datasheet
876Kb / 70P
   Up to 6 External/Internal Interrupt Sources
logo
SyncMOS Technologies,In...
SM5953 SYNCMOS-SM5953 Datasheet
629Kb / 43P
   Six interrupt sources with two priority levels
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-3050 AVAGO-ADNS-3050 Datasheet
393Kb / 30P
   External Interrupt Output for Motion Detection
logo
Silicon Laboratories
EFM32G200 SILABS-EFM32G200 Datasheet
1Mb / 67P
   Wake-up Interrupt Controller
EFM32G210 SILABS-EFM32G210 Datasheet
1Mb / 68P
   Wake-up Interrupt Controller
EFM32G280 SILABS-EFM32G280 Datasheet
1Mb / 72P
   Wake-up Interrupt Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com