Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA54CA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SA54CA
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SA54CA Datasheet(HTML) 4 Page - Diodes Incorporated

  SA54CA Datasheet HTML 1Page - Diodes Incorporated SA54CA Datasheet HTML 2Page - Diodes Incorporated SA54CA Datasheet HTML 3Page - Diodes Incorporated SA54CA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
NOT RECOMMENDED FOR NEW DESIGN
SUGGESTED REPLACEMENT P6KE6V8A - P6KE200A
DS21501 Rev. 12 - 3
4 of 4
SA5V0A - SA170A
www.diodes.com
(Note 5)
Notes:
4. *Add "-B" or "-T" to the appropriate type number in Table 1 on Page 2. Example: 6.5V TVS = SA6V5(C)A-B.
5.
For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
Device
Packaging
Shipping
(Type Number)-B*
DO-15
1K/Bulk
(Type Number)-T*
DO-15
4K/Tape & Reel, 13-inch
Ordering Information


Similar Part No. - SA54CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA54CA PANJIT-SA54CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Littelfuse
SA54CA LITTELFUSE-SA54CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
logo
Shenzhen Luguang Electr...
SA54CA LUGUANG-SA54CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA54CA WTE-SA54CA Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SA54CA LUGUANG-SA54CA Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
More results

Similar Description - SA54CA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Frontier Electronics.
SA5.0(C) FRONTIER-SA5.0(C) Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
SA5.0(C)-LFR FRONTIER-SA5.0(C)-LFR Datasheet
132Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SA5.0 LUGUANG-SA5.0 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Diodes Incorporated
SA5V0A DIODES-SA5V0A Datasheet
66Kb / 3P
   500W TRANSIENT VOLTAGE SUPPRESSOR
DS21501 Rev. 10 - 2
logo
Shenzhen Luguang Electr...
SA5V0CA LUGUANG-SA5V0CA Datasheet
2Mb / 3P
   500W Transient Voltage Suppressor
logo
Sensitron
1N6102A SENSITRON-1N6102A_08 Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
SS6102A SENSITRON-SS6102A Datasheet
50Kb / 3P
   Transient Voltage Suppressor Diode, 500W
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com