Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI1040X Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SI1040X
Description  Load Switch with Level-Shift
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1040X Datasheet(HTML) 6 Page - Vishay Siliconix

  SI1040X Datasheet HTML 1Page - Vishay Siliconix SI1040X Datasheet HTML 2Page - Vishay Siliconix SI1040X Datasheet HTML 3Page - Vishay Siliconix SI1040X Datasheet HTML 4Page - Vishay Siliconix SI1040X Datasheet HTML 5Page - Vishay Siliconix SI1040X Datasheet HTML 6Page - Vishay Siliconix SI1040X Datasheet HTML 7Page - Vishay Siliconix SI1040X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 11-Aug-14
1
Document Number: 71612
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SC-89 6-Leads (SOT-563F)
Notes
1. Dimensions in millimeters.
2. Dimension D does not include mold flash, protrusions or gate
burrs. Mold flush, protrusions or gate burrs shall not exceed
0.15 mm per dimension E1 does not include interlead flash
or protrusion, interlead flash or protrusion shall not exceed
0.15 mm per side.
3. Dimensions D and E1 are determined at the outmost extremes
of the plastic body exclusive of mold flash, the bar burrs, gate
burrs and interlead flash, but including any mismatch between
the top and the bottom of the plastic body.
4. Datums A, B and D to be determined 0.10 mm from the lead tip.
5. Terminal numbers are shown for reference only.
6. These dimensions apply to the flat section of the lead between
0.08 mm and 0.15 mm from the lead tip.
6
4
3
2
4
3
2
5
4
C
aaa
C
M
ddd
A–B
D
2x
e
B
6x b
C
aaa
2x
D
E/2
E
C
bbb
2x
12
3
65
4
E1
A
D
e1
L1
L
A
B
C
A1
A1
SECTION B-B
DETAIL “A”
SEE DETAIL “A”
DIM.
MILLIMETERS
MIN.
NOM.
MAX.
A
0.56
0.58
0.60
A1
0
0.02
0.10
b
0.15
0.22
0.30
c
0.10
0.14
0.18
D
1.50
1.60
1.70
E
1.50
1.60
1.70
E1
1.15
1.20
1.25
e
0.45
0.50
0.55
e1
0.95
1.00
1.05
L
0.25
0.35
0.50
L1
0.10
0.20
0.30
C14-0439-Rev. C, 11-Aug-14
DWG: 5880


Similar Part No. - SI1040X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI1040X VISHAY-SI1040X Datasheet
125Kb / 6P
   Load Switch with Level-Shift
Rev. C, 24-Mar-08
SI1040X VISHAY-SI1040X Datasheet
178Kb / 8P
   Load Switch with Level-Shift
01-Jan-2022
SI1040X-T1-E3 VISHAY-SI1040X-T1-E3 Datasheet
125Kb / 6P
   Load Switch with Level-Shift
Rev. C, 24-Mar-08
SI1040X-T1-GE3 VISHAY-SI1040X-T1-GE3 Datasheet
125Kb / 6P
   Load Switch with Level-Shift
Rev. C, 24-Mar-08
More results

Similar Description - SI1040X

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
221Kb / 10P
   Load Switch with Level-Shift
Rev. C, 20-Sep-10
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com