Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91R40807 Datasheet(PDF) 61 Page - ATMEL Corporation

Part # AT91R40807
Description  Fully Programmable External Bus Interface
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40807 Datasheet(HTML) 61 Page - ATMEL Corporation

Back Button AT91R40807_14 Datasheet HTML 57Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 58Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 59Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 60Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 61Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 62Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 63Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 64Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 65Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 153 page
background image
61
AT91X40 Series
1354D–ATARM–08/02
AIC User Interface
• Base Address: 0xFFFFF000 (Code Label AIC_BASE)
Note:
The reset value of this register depends on the level of the External IRQ lines. All other sources are cleared at reset.
Table 9. AIC Memory Map
Offset
Register
Name
Access
Reset State
0x000
Source Mode Register 0
AIC_SMR0
Read/Write
0
0x004
Source Mode Register 1
AIC_SMR1
Read/Write
0
Read/Write
0
0x07C
Source Mode Register 31
AIC_SMR31
Read/Write
0
0x080
Source Vector Register 0
AIC_SVR0
Read/Write
0
0x084
Source Vector Register 1
AIC_SVR1
Read/Write
0
Read/Write
0
0x0FC
Source Vector Register 31
AIC_SVR31
Read/Write
0
0x100
IRQ Vector Register
AIC_IVR
Read Only
0
0x104
FIQ Vector Register
AIC_FVR
Read Only
0
0x108
Interrupt Status Register
AIC_ISR
Read Only
0
0x10C
Interrupt Pending Register
AIC_IPR
Read Only
(see Note 1)
0x110
Interrupt Mask Register
AIC_IMR
Read Only
0
0x114
Core Interrupt Status Register
AIC_CISR
Read Only
0
0x118
Reserved
0x11C
Reserved
0x120
Interrupt Enable Command Register
AIC_IECR
Write Only
0x124
Interrupt Disable Command Register
AIC_IDCR
Write Only
0x128
Interrupt Clear Command Register
AIC_ICCR
Write Only
0x12C
Interrupt Set Command Register
AIC_ISCR
Write Only
0x130
End of Interrupt Command Register
AIC_EOICR
Write Only
0x134
Spurious Vector Register
AIC_SPU
Read/Write
0


Similar Part No. - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
233Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AU ATMEL-AT91R40807-33AU Datasheet
247Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
AT91R40008 ATMEL-AT91R40008_14 Datasheet
360Kb / 20P
   Fully-programmable External Bus Interface (EBI)
logo
STMicroelectronics
SPC563MXX STMICROELECTRONICS-SPC563MXX Datasheet
421Kb / 48P
   Calibration external bus interface
September 2013 Rev 6
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
   Timers Fully programmable
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
Infineon Technologies A...
TLE4929C-XAN-M28 INFINEON-TLE4929C-XAN-M28 Datasheet
1Mb / 28P
   Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com