Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91R40807 Datasheet(PDF) 29 Page - ATMEL Corporation

Part # AT91R40807
Description  Fully Programmable External Bus Interface
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40807 Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button AT91R40807_14 Datasheet HTML 25Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 26Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 27Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 28Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 29Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 30Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 31Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 32Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 153 page
background image
29
AT91X40 Series
1354D–ATARM–08/02
Figure 17. Data Hold Time
In early read protocol the data can remain valid longer than in standard read protocol
due to the additional wait cycle which follows a write access.
Wait States
The EBI can automatically insert wait states. The different types of wait states are listed
below:
Standard wait states
Data float wait states
External wait states
Chip select change wait states
Early read wait states (see “Read Protocols” )
Standard Wait States
Each chip select can be programmed to insert one or more wait states during an access
on the corresponding device. This is done by setting the WSE field in the corresponding
EBI_CSR. The number of cycles to insert is programmed in the NWS field in the same
register.
Below is the correspondence between the number of standard wait states programmed
and the number of cycles during which the NWE pulse is held low:
0 wait states1/2 cycle
1 wait state1 cycle
For each additional wait state programmed, an additional cycle is added.
ADDR
NWE
Data Output
MCK


Similar Part No. - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
233Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AU ATMEL-AT91R40807-33AU Datasheet
247Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
AT91R40008 ATMEL-AT91R40008_14 Datasheet
360Kb / 20P
   Fully-programmable External Bus Interface (EBI)
logo
STMicroelectronics
SPC563MXX STMICROELECTRONICS-SPC563MXX Datasheet
421Kb / 48P
   Calibration external bus interface
September 2013 Rev 6
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
   Timers Fully programmable
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
Infineon Technologies A...
TLE4929C-XAN-M28 INFINEON-TLE4929C-XAN-M28 Datasheet
1Mb / 28P
   Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com