Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT91R40807 Datasheet(PDF) 95 Page - ATMEL Corporation

Part # AT91R40807
Description  Fully Programmable External Bus Interface
Download  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40807 Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button AT91R40807_14 Datasheet HTML 91Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 92Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 93Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 94Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 95Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 96Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 97Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 98Page - ATMEL Corporation AT91R40807_14 Datasheet HTML 99Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
95
AT91X40 Series
1354D–ATARM–08/02
Chip ID Register
Register Name: SF_CIDR
Access Type:
Read Only
Reset Value:
Hardwired
Offset:
0x00
• VERSION: Version of the chip (Code Label SF_VERSION)
This value is incremented by one with each new version of the chip (from zero to a maximum value of 31).
• NVPSIZ: Non Volatile Program Memory Size
• NVDSIZ: Non Volatile Data Memory Size
31
30
29
28
27
26
25
24
EXT
NVPTYP
ARCH
23
22
21
20
19
18
17
16
ARCH
VDSIZ
15
14
13
12
11
10
9
8
NVDSIZ
NVPSIZ
76
54
32
10
01
0
VERSION
NVPSIZ
Size
Code Label
SF_NVPSIZ
0
000
None
SF_NVPSIZ_NONE
0
011
32K bytes
SF_NVPSIZ_32K
0
101
64K bytes
SF_NVPSIZ_64K
0
111
128K bytes
SF_NVPSIZ_128K
1
001
256K bytes
SF_NVPSIZ_256K
Others
Reserved
NVDSIZ
Size
Code Label
SF_NVDSIZ
0
000
None
SF_NVDSIZ_NONE
Others
Reserved


Similar Part No. - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
233Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AI ATMEL-AT91R40807-33AI Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91R40807-33AU ATMEL-AT91R40807-33AU Datasheet
247Kb / 19P
   ARM짰 Thumb짰 Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91R40807_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M40807 ATMEL-AT91M40807_14 Datasheet
1Mb / 153P
   Fully Programmable External Bus Interface (EBI
AT91R40008 ATMEL-AT91R40008_14 Datasheet
360Kb / 20P
   Fully-programmable External Bus Interface (EBI)
logo
STMicroelectronics
SPC563MXX STMICROELECTRONICS-SPC563MXX Datasheet
421Kb / 48P
   Calibration external bus interface
September 2013 Rev 6
logo
List of Unclassifed Man...
DHA52CM24S16 ETC2-DHA52CM24S16 Datasheet
78Kb / 3P
   Timers Fully programmable
logo
Espros Photonics corp
EPC120 EPC-EPC120 Datasheet
558Kb / 27P
   Fully integrated Light-Barrier Chips with 2-Wire Bus Interface
logo
Infineon Technologies A...
TLE4929C-XAN-M28 INFINEON-TLE4929C-XAN-M28 Datasheet
1Mb / 28P
   Fully Programmable Crankshaft Sensor
Data Sheet 1.10 2018-09-13
logo
List of Unclassifed Man...
AG2120 ETC1-AG2120 Datasheet
246Kb / 14P
   FULLY FEATURED PSTN INTERFACE
logo
Silver Telecom 2019
AG2120 SILVERTEL-AG2120 Datasheet
204Kb / 13P
   FULLY FEATURED PSTN INTERFACE
logo
Festo Corporation.
575301 FESTO-575301 Datasheet
62Kb / 1P
   Bus interface
logo
STMicroelectronics
AN1076 STMICROELECTRONICS-AN1076 Datasheet
176Kb / 15P
   ST9 EXTERNAL MEMORY INTERFACE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com