Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI5L200QX Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI5L200QX
Description  Precision Wide Bandwidth LanSwitch Quad 2 1 Mux/DeMux
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L200QX Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI5L200QX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L200QX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
PS7055G
10/01/04
PI5L200
PrecisionWideBandwidthLanSwitch
Quad 2:1 Mux/DeMux
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
SEATING PLANE
.050
BSC
1
16
0-8˚
.149
.157
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
3.78
3.99
.386
.393
9.80
10.00
1.27
.053
.068
1.35
1.75
.2284
.2440
5.80
6.20
.0040
.0098
0.10
0.25
.013
.020
.0155
.0260
0.330
0.508
0.393
0.660
.0075
.0098
0.25
0.50
.0099
.0196
x 45˚
0.19
0.25
.016
.050
0.41
1.27
REF
Packaging Mechanical: 16-Pin SOIC (W)
.189
.197
.053
.069
.004
.010
SEATING
PLANE
.025
BSC
.007
.010
.228
.244
1
16
.150
.157
.016
.050
X.XX
X.XX
DENOTES DIMENSIONS IN MILLIMETERS
0.635
4.80
5.00
1.35
1.75
5.79
6.19
0.101
0.254
.008
.012
0.203
0.305
3.81
3.99
0.178
0.254
0.38
0.41
1.27
.008
0.203
.015 x 45
°
REF
Detail A
Detail A
.008
0.20
MIN.
Guage Plane
.010
0.254
.041
1.04
REF
.016
.035
0.41
0.89
0˚-6˚
.008
.013
0.20
0.33
Packaging Mechanical: 16-Pin QSOP (Q)


Similar Part No. - PI5L200QX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
More results

Similar Description - PI5L200QX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5L200 PERICOM-PI5L200 Datasheet
180Kb / 9P
   Precision Wide Bandwidth LanSwitch Quad 2:1 Mux/DeMux
PI3L100 PERICOM-PI3L100 Datasheet
74Kb / 6P
   3.3V, Wide Bandwidth Quad 2:1 Mux/Demux LanSwitch
PI5L100 PERICOM-PI5L100 Datasheet
213Kb / 13P
   Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B22A POTATO-PO3B22A_14 Datasheet
1Mb / 5P
   Wide Bandwidth, Dual 2:1 Mux/DeMux
logo
Analog Devices
ADG774 AD-ADG774_15 Datasheet
140Kb / 12P
   Wide Bandwidth Quad 2:1 Mux
REV. C
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
PO3B3257A POTATO-PO3B3257A Datasheet
558Kb / 6P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI5C3257L PERICOM-PI5C3257L Datasheet
476Kb / 6P
   Quad 2 1 Mux/DeMux BusSwitch
PI5C3257 PERICOM-PI5C3257 Datasheet
38Kb / 3P
   Quad 2:1 MUX/DEMUX BusSwitch
logo
Vaishali Semiconductor
VS3257 VAISH-VS3257 Datasheet
56Kb / 6P
   Quad 2:1 Mux/Demux VSwitch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com