Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65351NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PE-65351NL
Description  T1/Cept/ISDN-PRI Transformers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65351NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PE-65351NL Datasheet HTML 1Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 2Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 3Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 4Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 5Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 6Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 7Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 8Page - Pulse A Technitrol Company PE-65351NL Datasheet HTML 9Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
T608.U (05/12)
3
pulseelectronics.com
T1/Cept/ISDN-PRI Transformers
RoHS peak reflow temperature rating: 245�C
Dual SMT package contains transmit and receive transformers
Models matched to leading transceiver ICs
Isolation voltage: 1500 Vrms
UL recognized
USA 858 674 8100
Germany 49 7032 7806 0
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768
B
E
E
A
B
C
L
RoHS-6 Compliant
Part Number
Turns Ratio
(Pri:Sec
±5%)
OCL
(mH MIN)
w/w
(pF MAX)
L
(
μH MAX)
DCR Pri
(
Ω MAX)
DCR Sec
(
Ω MAX)
Package/
Schematic
Primary
Pins
PE-65830NL
1.27CS:1
.800
15
0.70
0.50
0.35
IS/3
1-5
PE-65832NL
1:1.36CT
1.20
35
0.60
0.70
0.90
IS/4
10-6
PE-65833NL
1CT:2CT
1.20
20
0.30-0.55
0.50
0.90
IS/1
1-5
PE-65834NL
1:1
1.20
20
0.50
0.50
0.50
IS/2
1-5
PE-65835NL
1CT:2CT
1.20
15
0.80
0.70
1.10
IS/1
1-5
PE-65838NL
1:1.14CT
1.50
30
1.00
0.70
0.90
IS/4
10-6
PE-65839NL
1:1/1.26
1.50
35
0.60
0.70
1.10
IS/4
10-6
PE-68646NL
1:1.58/2
1.50
20
0.70
0.70
1.20
IS/4
10-6
Single Reinforced Insulation, 3 kVrms
Electrical Specifications @ 25�C - Operating Temperature 0�C to 70�C (Unless Otherwise Noted)
See pages 7 and 8 for table notes.
IS
Mechanical
Schematics
Weight ..........................4 grams
Tube ...............................35/tube
.010
0,25
Unless otherwise specified, all tolerances are ±
Dimensions: Inches
mm
1
2
4
5
10
9
7
6
PE-XXXXXNL
DATE CODE
.560 MAX
14,22
.400
10,20
3
8
.560 MAX
14,22
.400 MAX
10,20
Notes:
Leads are 22 AWG solderable.
Unused pins not provided.
.130
3,30
.100 TYP
2,54
.400
10,20


Similar Part No. - PE-65351NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65351NL PULSE-PE-65351NL Datasheet
154Kb / 8P
   TRANSFORMERS
PE-65351NL PULSE-PE-65351NL Datasheet
2Mb / 9P
   T1/Cept/ISDN-PRI Transformers
More results

Similar Description - PE-65351NL

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
1008 XFMRS-1008_15 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S8677 BOTHHAND-S8677 Datasheet
77Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
List of Unclassifed Man...
BH-S5351 ETC-BH-S5351 Datasheet
12Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF0053-00S XFMRS-XF0053-00S Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T1 XFMRS-XF70061T1 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF70061T3 XFMRS-XF70061T3 Datasheet
50Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-31 XFMRS-XF0013-31_15 Datasheet
70Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
XF0013-91 XFMRS-XF0013-91_15 Datasheet
121Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
Bothhand USA, LP.
S5813 BOTHHAND-S5813 Datasheet
65Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
S5821 BOTHHAND-S5821 Datasheet
67Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
logo
XFMRS Inc.
XF00123D XFMRS-XF00123D_09 Datasheet
55Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com