Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLB122I Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part No. HLB122I
Description   NPN Triple Diffused Planar Type High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HLB122I Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9030
Issued Date : 1998.07.01
Revised Date : 2002.05.08
Page No. : 4/4
HLB122I
HSMC Product Specification
TO-251 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0177
0.0217
0.45
0.55
G
0.2559
-
6.50
-
B
0.0354
0.0591
0.90
1.50
H
-
*
0.1811
-
*
4.60
C
0.0177
0.0236
0.45
0.60
I
-
0.0354
-
0.90
D
0.0866
0.0945
2.20
2.40
J
-
0.0315
-
0.80
E
0.2520
0.2677
6.40
6.80
K
0.2047
0.2165
5.20
5.50
F
0.2677
0.2835
6.80
7.20
Notes: 1.Dimension and tolerance based on our Spec. dated May. 24,1995.
2.Controlling dimension: millimeters.
3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
• Lead: 42 Alloy; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC.
• HSMC reserves the right to make changes to its products without notice.
• HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
• Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C.
Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454
• Factory 1: No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C
Tel: 886-3-5983621~5 Fax: 886-3-5982931
A
E
F
G
H
J
I
3
2
1
K
C
D
B
Style: Pin 1.Base 2.Collector 3.Emitter
3-Lead TO-251 Plastic Package
HSMC Package Code: I
Marking:
Date Code
2
12
HB
Control Code
I
L


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HLB120SNPN Triple Diffused Planar Type High Voltage Transistors 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB120ANPN Triple Diffused Planar Type High Voltage Transistors 1 2 3 Hi-Sincerity Mocroelectronics
HLB1211NPN Triple Diffused Planar Type High Voltage Transistors  1 2 3 Hi-Sincerity Mocroelectronics
HLB121JNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 Hi-Sincerity Mocroelectronics
HLB122JNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB122TNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 Hi-Sincerity Mocroelectronics
HLB121ANPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB121INPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB121DNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB122DNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn