Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLB122I Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part No. HLB122I
Description   NPN Triple Diffused Planar Type High Voltage Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HLB122I Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE9030
Issued Date : 1998.07.01
Revised Date : 2002.05.08
Page No. : 3/4
HLB122I
HSMC Product Specification
Switching Time & Collector Current
0.1
1
10
100
1000
Collector Current (mA)
VCC=45V, IC=5IB1=-5IB2
Tstg
Ton
Tf


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HLB120SNPN Triple Diffused Planar Type High Voltage Transistors 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB120ANPN Triple Diffused Planar Type High Voltage Transistors 1 2 3 Hi-Sincerity Mocroelectronics
HLB1211NPN Triple Diffused Planar Type High Voltage Transistors  1 2 3 Hi-Sincerity Mocroelectronics
HLB121JNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 Hi-Sincerity Mocroelectronics
HLB122JNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB122TNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 Hi-Sincerity Mocroelectronics
HLB121ANPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB121INPN TRIPLE DIFFUSED PLANAR TYPE HIGH VOLTAGE TRANSISTOR 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB121DNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics
HLB122DNPN Triple Diffused Planar Type High Voltage Transistor 1 2 3 4 Hi-Sincerity Mocroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn