Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HLB121J Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part No. HLB121J
Description  NPN Triple Diffused Planar Type High Voltage Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HSMC [Hi-Sincerity Mocroelectronics]
Homepage  http://www.hsmc.com.tw
Logo 

HLB121J Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6027
Issued Date : 1996.11.11
Revised Date : 2001.05.01
Page No. : 2/3
HLB121J
HSMC Product Specification
Characteristics Curve
Dc Current Gain & Collector Current
1
10
100
1
10
100
1000
Collector Current (mA)
hFE @ VCE=10V
Saturation Voltage & Collector Current
10
100
1000
10000
100000
1
10
100
1000
Collector Current (mA)
VBE(sat) @ IC=5IB
VCE(sat) @ IC=5IB
On Voltage & Collector Current
100
1000
10000
0
100
200
300
400
500
600
Collector Current (mA)
Bton @ VCE=10V
Capacitance Reverse-Biased Voltage
1
10
100
1000
0.1
1
10
100
Reverse Biased Voltage (V)
Cib
Cob
Switching Time & Collector Current
0.1
1
10
0
100
200
300
400
500
600
Collector Current (mA)
Tf
VCC=100V, IC=5IB1=-5IB2
Ton
Tstg
Safe Operating Area
10
100
1000
10000
0
50
100
150
200
250
Forward Biased Voltage (V)
PT=1ms
PT=100ms
PT=1s


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn