Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9601 Datasheet(PDF) 5 Page - NEC

Part # PS9601
Description  HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9601 Datasheet(HTML) 5 Page - NEC

  PS9601 Datasheet HTML 1Page - NEC PS9601 Datasheet HTML 2Page - NEC PS9601 Datasheet HTML 3Page - NEC PS9601 Datasheet HTML 4Page - NEC PS9601 Datasheet HTML 5Page - NEC PS9601 Datasheet HTML 6Page - NEC PS9601 Datasheet HTML 7Page - NEC PS9601 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PS9601, PS9601L
5
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
MAX. FORWARD CURRENT vs.
AMBIENT TEMPERATURE
50
40
30
20
10
0
20406080
100
TA - Ambient Temperature - ˚C
POWER DISSIPATION vs.
AMBIENT TEMPERATURE
100
80
60
40
20
0
20406080
100
TA - Ambient Temperature - ˚C
FORWARD CURRENT vs.
FORWARD VOLTAGE
100
10
1.0
0.1
0.01
1.0
2.4
1.2
1.4
1.6
1.8
2.0
2.2
VF - Forward Voltage - V
THRESHOLD CURRENT vs.
AMBIENT TEMPERATURE
10
8
6
4
2
0
100
TA - Ambient Temperature - ˚C
–50
–25
0
25
50
75
VCC = 5 V
VE = 2 V
VO = 0.8 V
RL = 350
OUTPUT VOLTAGE vs.
FORWARD CURRENT
7
6
5
4
3
2
1
012
IF - Forward Current - mA
246
8
10
TA = 100 ˚C
50 ˚C
25 ˚C
0 ˚C
–25 ˚C
5 V
RL
VO
LOW LEVEL OUTPUT VOLTAGE
vs. AMBIENT TEMPERATURE
1.0
0.8
0.6
0.4
0.2
0
100
TA - Ambient Temperature - ˚C
–50
–25
0
25
50
75
VCC = 5 V
VE = 2 V
IF = 5 mA
IO = 13 mA
RL = 350
RL = 1 k
RL = 100


Similar Part No. - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601L NEC-PS9601L Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601L CEL-PS9601L Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
More results

Similar Description - PS9601

ManufacturerPart #DatasheetDescription
logo
NEC
PS9601 NEC-PS9601_01 Datasheet
58Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
California Eastern Labs
PS9601 CEL-PS9601 Datasheet
59Kb / 6P
   HIGH ISOLATION VOLTAGE HIGH SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS2514-1 RENESAS-PS2514-1_15 Datasheet
227Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2514-1 RENESAS-PS2514-1 Datasheet
235Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2514-1 CEL-PS2514-1 Datasheet
605Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 CEL-PS2513-1 Datasheet
269Kb / 15P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
NEC
PS2513-1 NEC-PS2513-1 Datasheet
156Kb / 7P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2513-1 RENESAS-PS2513-1 Datasheet
255Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
PS2513-1 RENESAS-PS2513-1_15 Datasheet
248Kb / 16P
   HIGH-SPEED SWITCHING/HIGH ISOLATION VOLTAGE PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com