Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJPE2N2KFA Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELJPE2N2KFA
Description  Fixed Inductors (Chip Inductors)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJPE2N2KFA Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELJPE2N2KFA Datasheet HTML 1Page - Panasonic Semiconductor ELJPE2N2KFA Datasheet HTML 2Page - Panasonic Semiconductor ELJPE2N2KFA Datasheet HTML 3Page - Panasonic Semiconductor ELJPE2N2KFA Datasheet HTML 4Page - Panasonic Semiconductor ELJPE2N2KFA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
0.2±0.1
0.2±0.1
1.0±0.05
0.5±0.05
1.5 to 1.7
0.5 to 0.6
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPF2N2DFB
2.2
D : ±0.3 nH
100
7
100
5300
0.040
1900
ELJPF2N7DFB
2.7
5300
0.050
1800
ELJPF3N3DFB
3.3
5000
0.070
1500
ELJPF3N9DFB
3.9
4800
0.080
1400
ELJPF4N7DFB
4.7
4600
0.100
1300
ELJPF5N6DFB
5.6
4200
0.120
1200
ELJPF6N8JFB
6.8
J : ± 5 %
4000
0.160
1100
ELJPF8N2JFB
8.2
3700
0.210
900
ELJPF10NJFB
10
3200
0.260
750
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
PF Type 1005 (0402)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Standard Packing Quantity
● 10000 pcs./Reel
Standard Parts
PE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
● 3000 pcs./Reel
Standard Parts (E12 Series)
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance
(%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJPE2N2KFA
2.2
K : ± 10 %
100
8
100
6000
0.030
2100
ELJPE2N7KFA
2.7
8
5500
0.030
2100
ELJPE3N3KFA
3.3
8
5500
0.040
2100
ELJPE3N9KFA
3.9
9
5200
0.040
2100
ELJPE4N7KFA
4.7
9
4800
0.050
2100
ELJPE5N6KFA
5.6
9
4600
0.055
2100
ELJPE6N8KFA
6.8
9
4000
0.055
1900
ELJPE8N2KFA
8.2
9
3500
0.060
1700
ELJPE10NKFA
10
9
2800
0.065
1400
ELJPE12NKFA
12
9
2500
0.080
1300
ELJPE15NKFA
15
9
2200
0.100
900
ELJPE18NKFA
18
9
2000
0.120
800
ELJPE22NKFA
22
9
1800
0.150
700
✽1 : Self Resonant Frequency ✽2 : DC Resistance
Nov. 2013
04
13


Similar Part No. - ELJPE2N2KFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJPE2N2KFA PANASONIC-ELJPE2N2KFA Datasheet
236Kb / 7P
   High Power Type PF, PE, PC, PA, PB
ELJPE2N2KFA PANASONIC-ELJPE2N2KFA Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJPE2N2KFA PANASONIC-ELJPE2N2KFA Datasheet
138Kb / 5P
   Chip Inductors High Power Type
More results

Similar Description - ELJPE2N2KFA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Battery Group
ELJ-RE39NJFA PANASONICBATTERY-ELJ-RE39NJFA Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
logo
Panasonic Semiconductor
ELJ-NDR56JF PANASONIC-ELJ-NDR56JF Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF1N0DFB PANASONIC-ELJ-RF1N0DFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJ-RF12NJFB PANASONIC-ELJ-RF12NJFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com