Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HJ50 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HJ50
Description  NPN EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HJ50 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HJ50 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HJ50 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HJ50 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6016
Issued Date : 1996.04.12
Revised Date : 2002.02.26
Page No. : 1/3
HJ50
HSMC Product Specification
HJ50
NPN EPITAXIAL PLANAR TRANSISTOR
Description
The HJ50 is designed for line operated audio output amplifier switch
mode power supply drivers and other switching applications.
Absolute Maximum Ratings (Ta=25
°C)
• Maximum Temperatures
Storage Temperature ............................................................................................ -55 ~ +150
°C
Junction Temperature .................................................................................................... +150
°C
• Maximum Power Dissipation
Total Power Dissipation (Tc=25
°C) ..................................................................................... 15 W
• Maximum Voltages and Currents
BVCBO Collector to Base Voltage..................................................................................... 500 V
BVCEO Collector to Emitter Voltage.................................................................................. 400 V
BVEBO Emitter to Base Voltage............................................................................................ 5 V
IC Collector Current .............................................................................................................. 1 A
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
500
-
-
V
IC=1mA
BVCEO
400
-
-
V
IC=30mA
BVEBO
5
-
-
V
IC=100uA
ICES
-
-
100
uA
VCE=500V
ICEO
-
-
200
uA
VCE=300V
IEBO
-
-
1
mA
VEB=5V
*VCE(sat)
-
-
1
V
IC=1A, IB=0.2A
*VBE(on)
-
-
1.5
V
VCE=10V, IC=1A
*hFE1
30
-
150
VCE=10V, IC=0.3A
*hFE2
10
-
-
VCE=10V, IC=1A
fT
10
-
-
MHz
VCE=10V, IC=200mA, f=2MHz
*Pulse Test: Pulse Width
≤380us, Duty Cycle≤2%
TO-252


Similar Part No. - HJ50

ManufacturerPart #DatasheetDescription
logo
Dubilier
HJ50-110V-P DUBILIER-HJ50-110V-P Datasheet
60Kb / 1P
   SOUNDERS MECHANICAL BUZZERS
More results

Similar Description - HJ50

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI41C HSMC-HI41C Datasheet
31Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ14C HSMC-HJ14C Datasheet
32Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ47 HSMC-HJ47 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HJ669A HSMC-HJ669A Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HLB123T HSMC-HLB123T Datasheet
37Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HM3019 HSMC-HM3019 Datasheet
22Kb / 2P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBT2222A HSMC-HMBT2222A Datasheet
37Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMBTH10 HSMC-HMBTH10 Datasheet
29Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
HMH2369 HSMC-HMH2369 Datasheet
43Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HA8050S HSMC-HA8050S Datasheet
36Kb / 4P
   NPN EPITAXIAL PLANAR TRANSISTOR
HBC848 HSMC-HBC848 Datasheet
30Kb / 3P
   NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com