Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR2456K Datasheet(PDF) 29 Page - Agilent(Hewlett-Packard)

Part # HFBR2456K
Description  Low Cost, Miniature Fiber Optic Components with ST, SMA, SC and FC Ports
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR2456K Datasheet(HTML) 29 Page - Agilent(Hewlett-Packard)

Back Button HFBR2456K Datasheet HTML 23Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 24Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 25Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 26Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 27Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 28Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 29Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 30Page - Agilent(Hewlett-Packard) HFBR2456K Datasheet HTML 31Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
74
Ordering Information
To order the Threaded ST Port
Option with a particular compo-
nent, place a “T” after the base
part number. For example, to
order an HFBR-2416 with this
option, order an HFBR-2416T.
Package Outline
Port Product
Figure 2. Recommended Cut-out for
Panel Mounting.
Figure 1. HFBR-4411 Mechanical Dimensions.
The HFBR-4411 kit consists of
100 nuts and 100 washers with
dimensions as shown in Figure 1.
These kits are available from HP
or any authorized distributor. Any
standard size nut and washer will
work, provided the total thickness
of the wall, nut, and washer does
not exceed 0.2 inch (5.1mm).
When preparing the chassis wall
for panel mounting, use the
14.27
(0.563)
9.53
(0.375)
DIA.
INTERNAL TOOTH LOCK WASHER
12.70
(0.50)
DIA.
3/8 - 32 UNEF -
2A THREAD
1.65
(0.065)
TYP.
DIA.
10.41
(0.410)
MAX.
DIA.
ALL DIMENSIONS IN MILLIMETERS AND (INCHES).
9.80
(0.386)
DIA.
8.0
(0.315)
ALL DIMENSIONS IN MILLIMETERS
AND (INCHES).
18.5
(0.73)
5.1
(0.20)
13.2
(0.52)
7.1
(0.28)
9.1
(0.36)
4.1
(0.16)
DIA.
3/8 - 32 UNEF - 2A
THREADING
8.4
(0.33)
7.6
(0.30)
ACROSS
THREAD
FLATS
2.0
(0.08)
7.1
(0.28)
DIA.
DATE CODE
7.1
(0.28)
12
43
8.6
(0.34)
DIA.
0.46
(0.018)
DIA.
2.5
(0.10)
DIA. PIN CIRCLE
ALL DIMENSIONS IN MILLIMETERS AND (INCHES).
This option is available with the
following part numbers:
HFBR-1412
HFBR-1414
HFBR-1442
HFBR-1444
HFBR-1462
HFBR-1464
HFBR-2412
HFBR-2414
mounting template in Figure 2.
When tightening the nut, torque
should not exceed 0.8
N-m (8.0 in-lb).


Similar Part No. - HFBR2456K

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR2521 HP-HFBR2521 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2522 HP-HFBR2522 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2523 HP-HFBR2523 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2524 HP-HFBR2524 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
HFBR2525 HP-HFBR2525 Datasheet
438Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
More results

Similar Description - HFBR2456K

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-14XXZ BOARDCOM-HFBR-14XXZ Datasheet
391Kb / 25P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC, and FC Ports
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2404Z AVAGO-HFBR-2404Z Datasheet
723Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST, SMA, SC and FC Ports
HFBR-1402Z AVAGO-HFBR-1402Z_13 Datasheet
716Kb / 24P
   Low-Cost, 820 nm Miniature Link Fiber Optic Components with ST짰, SMA, SC and FC Ports
HFBR-0500Z AVAGO-HFBR-0500Z Datasheet
504Kb / 18P
   Versatile Link The Versatile Fiber Optic Connection Low cost fiber optic components
logo
3M Electronics
8204 3M-8204 Datasheet
734Kb / 24P
   SC & FC/PC3 Pull-Proof Fiber Optic Connectors
logo
List of Unclassifed Man...
DK-2612-01 ETC2-DK-2612-01 Datasheet
1Mb / 1P
   DIGITUS Fiber Optic Multimode Patch Cord, ST / SC
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2414Z AVAGO-HFBR-2414Z Datasheet
1Mb / 2P
   Threaded ST Port Option for Low Cost Miniature Link Components
logo
Broadcom Corporation.
HFBR-0400TZ BOARDCOM-HFBR-0400TZ Datasheet
382Kb / 3P
   Threaded ST Port Option for Low-Cost Miniature Link Components
June 14, 2017
logo
PANDUIT CORP.
F6D3-3M1 PANDUIT-F6D3-3M1 Datasheet
106Kb / 2P
   SC Fiber Optic Connectors
logo
List of Unclassifed Man...
147-301-901V001 ETC2-147-301-901V001 Datasheet
75Kb / 2P
   DIAMOND Fiber Optic Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com