Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45BR3214B Datasheet(PDF) 38 Page - ATMEL Corporation

Part # AT45BR3214B
Description  32-Mbit DataFlash and 4-Mbit SRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45BR3214B Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button AT45BR3214B_14 Datasheet HTML 32Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 33Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 34Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 35Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 36Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 37Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 38Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 39Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 40Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
38
AT45BR3214B
3356B–DFLASH–10/04
Ordering Information
DataFlash
f
SCK (MHz)
SRAM
t
ACC(ns)
Ordering Code
DataFlash
SRAM
Package
Operation Range
20
70
AT45BR3214B-C1
32M x 1
256k x 16
62C1
Industrial
(-40
°C to 85°C)
Package Type
62C1
62-ball, Plastic Chip-scale Ball Grid Array (CBGA)


Similar Part No. - AT45BR3214B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45BR3214B-C1 ATMEL-AT45BR3214B-C1 Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
More results

Similar Description - AT45BR3214B_14

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com