Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45BR3214B Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT45BR3214B
Description  32-Mbit DataFlash and 4-Mbit SRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT45BR3214B Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT45BR3214B_14 Datasheet HTML 18Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 19Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 20Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 21Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 22Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 23Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 24Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 25Page - ATMEL Corporation AT45BR3214B_14 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
22
AT45BR3214B
3356B–DFLASH–10/04
Detailed Bit-level Read Timing – Inactive Clock Polarity High
Continuous Array Read (Opcode: 68H)
Main Memory Page Read (Opcode: 52H)
SI
0
1X
X
X
CS
SO
SCK
12
63
64
65
66
67
HIGH-IMPEDANCE
D7
D6
D5
D2
D1
D0
D7
D6
D5
BIT 0
OF
PAGE n+1
BIT 4223
OF
PAGE n
LSB
MSB
tSU
tV
DATA OUT
SI
0
1
0
10
XX
X
CS
SO
SCK
12345
61
62
63
64
65
66
67
XX
HIGH-IMPEDANCE
D7
D6
D5
DATA OUT
COMMAND OPCODE
MSB
tSU
tV
D4
68


Similar Part No. - AT45BR3214B_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45BR3214B-C1 ATMEL-AT45BR3214B-C1 Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
More results

Similar Description - AT45BR3214B_14

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
logo
Cypress Semiconductor
CY7C1339G CYPRESS-CY7C1339G_06 Datasheet
415Kb / 18P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339F CYPRESS-CY7C1339F Datasheet
418Kb / 17P
   4-Mbit (128K x 32) Pipelined Sync SRAM
CY7C1339G CYPRESS-CY7C1339G Datasheet
340Kb / 17P
   4 - MBIT ( 128K X 32 ) PIPELINED SYNC SRAM
CY7C1338G CYPRESS-CY7C1338G_06 Datasheet
396Kb / 17P
   4-Mbit (128K x 32) Flow-Through Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_12 Datasheet
629Kb / 21P
   4-Mbit (128 K 횞 32) Pipelined Sync SRAM
CY7C1340G CYPRESS-CY7C1340G Datasheet
349Kb / 16P
   4-Mbit (128K x 32) Pipelined DCD Sync SRAM
CY7C1339G CYPRESS-CY7C1339G_13 Datasheet
645Kb / 22P
   4-Mbit (128 K x 32) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com