Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10650-40 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D10650-40
Description  BGA THERMAL SOLUTIONS MATRIX
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D10650-40 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D10650-40 Datasheet HTML 1Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 2Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 3Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 4Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 5Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 6Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 7Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 8Page - List of Unclassifed Manufacturers D10650-40 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Thermal Management
Solutions for BGAs
2
The following table represents Wakefield’s recommendations for a variety of standard BGA sizes. However, this is by no means a complete
list of components that can be used with these heat sinks. To determine suitability for your particular component, request a BGA heat sink
evaluation kit.
BGA THERMAL SOLUTIONS MATRIX
BGA
Heat Sink
Heat Sink Height
Recommended
Attachment
Sizes (mm)
Footprint (mm)
(inches)
Series #
Method
17
17 x 17
.40
D10650
Adhesive
19
19 x 19
1.00
602
Adhesive
21
21 x 21
.40
D10850
Adhesive
21
21 x 21
.25
.35
.45
.60
624
Adhesive
23
22 x 22
.40
.60
604
Adhesive
23
22 x 22
.75
605
Adhesive
25
25 x 25
.25
.35
.45
.60
625
Adhesive
27
28 x 28
.25
.35
.45
.60
658
Adhesive
29
30 x 30
.77
606
Adhesive
31
31 x 28
.65
607
Adhesive
31
31 x 31
.80
611
Adhesive
33
32 x 32
.35
.40
610
Adhesive
35
35 x 35
.65
612
Adhesive
35
35 x 35
.25
.35
.45
.60
642
Adhesive
35
35 x 35
.25
.35
.45
.60
630
Adhesive
37.5
37 x 37
.50
613
Adhesive
37.5
37 x 37
.65
659
Adhesive
45.7 x 35.5
37 x 47
.80
617
Adhesive
40
38 x 38
.30
.50
1.00
614
Adhesive
37.5
38 x 38
.29
660
Adhesive
40
40 x 28
.35
643
Clip
40
40 x 40
.26
.53
655
Adhesive
42.5
41 x 41
.41
615
Adhesive
45
43 x 43
.20
.25
.35
.45
.60
628
Adhesive
45
43 x 43
.15
662
Adhesive
47.5
47 x 47
.80
616
Adhesive
50
50 x 50
.40
.65
.80
1.00
698
Adhesive
50
51 x 51
.20
1.00
618
Adhesive
50
52 x 51
.80
622
Adhesive
50
53 x 47
.40
.65
.80
1.00
798
Adhesive
50
64 x 51
.24
620
Adhesive
up to 45
73 x 50
.50
1.00
609
Clip
up to 45
73 x 50
.95
619
Clip
RoHS COMPLIANCE
Please note that Wakefield part numbers designated with an “E” in this catalog denote new parts in compliance with the RoHS ini-
tiative, with the exception of our Precision Clamps. Wakefield will still continue to offer non-RoHS compliant versions of these parts.
Please be aware that many Wakefield Standard parts have always been compliant since their design inception and therefore will not
carry the “E” designation.
Wakefield requests that you refer to the RoHS compliance tool on our website at www.wakefield.com to verify RoHS compliance. If
you require further clarification or information regarding RoHS, please contact the factory.


Similar Part No. - D10650-40

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
D1065 SANYO-D1065 Datasheet
107Kb / 3P
   50V/15A Switching Applications
logo
Infineon Technologies A...
D1065C5 INFINEON-D1065C5 Datasheet
1Mb / 11P
   5t h Generation thinQ!TM 650V SiC Schottky Diode
Rev. 2.2, 2013-01-15
More results

Similar Description - D10650-40

ManufacturerPart #DatasheetDescription
logo
Advanced Thermal Soluti...
ATS-55325D-C1-R0 ATS-ATS-55325D-C1-R0 Datasheet
930Kb / 1P
   High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54150D-C1-R0 ATS-ATS-54150D-C1-R0 Datasheet
383Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-55150D-C1-R0 ATS-ATS-55150D-C1-R0 Datasheet
353Kb / 1P
   High Performance BGA Cooling Solutions w/Thermal Tape Attachment
Rev - 121101
ATS-54270K-C1-R0 ATS-ATS-54270K-C1-R0 Datasheet
970Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54375D-C1-R0 ATS-ATS-54375D-C1-R0 Datasheet
971Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-54350R-C1-R0 ATS-ATS-54350R-C1-R0 Datasheet
971Kb / 1P
   Rev - 121101High Performance BGA Cooling Solutions w/ Thermal Tape Attachment
Rev - 121101
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
ATS-X53310G-C1-R0 ATS-ATS-X53310G-C1-R0 Datasheet
2Mb / 1P
   High Performance BGA Cooling Solutions with superGRIP Attachment
REV1_0908
ATS-X53330G-C1-R0 ATS-ATS-X53330G-C1-R0 Datasheet
2Mb / 1P
   High Performance BGA Cooling Solutions with superGRIP Attachment
REV1_0908
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com