Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G11GM Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC1G11GM
Description  Single 3-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11GM Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC1G11GM Datasheet HTML 1Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11GM Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
74LVC1G11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
5 of 17
NXP Semiconductors
74LVC1G11
Single 3-input AND gate
10. Static characteristics
[1]
All typical values are measured at Tamb = 25 C.
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
VIH
HIGH-level
input voltage
VCC = 1.65 V to 1.95 V
0.65VCC
-
-
0.65VCC
-V
VCC = 2.3 V to 2.7 V
1.7
-
-
1.7
-
V
VCC = 2.7 V to 3.6 V
2.0
-
-
2.0
-
V
VCC = 4.5 V to 5.5 V
0.7VCC
-
-
0.7VCC
-V
VIL
LOW-level
input voltage
VCC = 1.65 V to 1.95 V
-
-
0.35VCC
-
0.35VCC V
VCC = 2.3 V to 2.7 V
-
-
0.7
-
0.7
V
VCC = 2.7 V to 3.6 V
-
-
0.8
-
0.8
V
VCC = 4.5 V to 5.5 V
-
-
0.3VCC
-0.3VCC
V
VOH
HIGH-level
output voltage
VI = VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
VCC  0.1
-
-
VCC  0.1
-
V
IO = 4 mA; VCC = 1.65 V
1.2
1.54
-
0.95
-
V
IO = 8 mA; VCC = 2.3 V
1.9
2.15
-
1.7
-
V
IO = 12 mA; VCC = 2.7 V
2.2
2.50
-
1.9
-
V
IO = 24 mA; VCC = 3.0 V
2.3
2.62
-
2.0
-
V
IO = 32 mA; VCC = 4.5 V
3.8
4.11
-
3.4
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL
IO = 100 A;
VCC = 1.65 V to 5.5 V
--
0.10
-
0.10
V
IO = 4 mA; VCC = 1.65 V
-
0.07
0.45
-
0.70
V
IO = 8 mA; VCC = 2.3 V
-
0.12
0.30
-
0.45
V
IO = 12 mA; VCC = 2.7 V
-
0.17
0.40
-
0.60
V
IO = 24 mA; VCC = 3.0 V
-
0.33
0.55
-
0.80
V
IO = 32 mA; VCC = 4.5 V
-
0.39
0.55
-
0.80
V
II
input leakage
current
VI = 5.5 V or GND;
VCC =0 Vto 5.5 V
-
0.1
5-
100
A
IOFF
power-off
leakage
current
VI or VO = 5.5 V; VCC = 0 V
-
0.1
10
-
200
A
ICC
supply current
VI = 5.5 V or GND; IO = 0 A;
VCC = 1.65 V to 5.5 V
-
0.1
10
-
200
A
I
CC
additional
supply current
VI = VCC  0.6 V; IO = 0 A;
VCC = 2.3 V to 5.5 V; per pin
-
5
500
-
5000
A
CI
input
capacitance
VCC = 3.3 V; VI =GND to VCC
-4
-
-
-
pF


Similar Part No. - 74LVC1G11GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G11GM NXP-74LVC1G11GM Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
logo
Nexperia B.V. All right...
74LVC1G11GM NEXPERIA-74LVC1G11GM Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
More results

Similar Description - 74LVC1G11GM

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
logo
Nexperia B.V. All right...
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com