Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G11GV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # 74LVC1G11GV
Description  Single 3-input AND gate
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G11GV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button 74LVC1G11GV Datasheet HTML 3Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 4Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 5Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 6Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 7Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 8Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 9Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 10Page - NXP Semiconductors 74LVC1G11GV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
74LVC1G11
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 4 July 2012
7 of 17
NXP Semiconductors
74LVC1G11
Single 3-input AND gate
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VM
VM
1.65 V to 1.95 V
0.5VCC
0.5VCC
2.3 V to 2.7 V
0.5VCC
0.5VCC
2.7V
1.5V
1.5V
3.0V to 3.6V
1.5V
1.5V
4.5 V to 5.5 V
0.5VCC
0.5VCC
Test data is given in Table 10.
Definitions for test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for measuring switching times
VEXT
VCC
VI
VO
mna616
DUT
CL
RT
RL
RL
G
Table 10.
Test data
Supply voltage
Input
Load
VEXT
VCC
VI
tr =tf
CL
RL
tPLH, tPHL
1.65 V to 1.95 V
VCC
 2.0ns
30pF
1k
open
2.3 V to 2.7 V
VCC
 2.0ns
30pF
500
open
2.7V
2.7V
 2.5ns
50pF
500
open
3.0V to 3.6V
2.7V
 2.5ns
50pF
500
open
4.5 V to 5.5 V
VCC
 2.5ns
50pF
500
open


Similar Part No. - 74LVC1G11GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G11GV PHILIPS-74LVC1G11GV Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
74LVC1G11GV NXP-74LVC1G11GV Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
logo
Nexperia B.V. All right...
74LVC1G11GV NEXPERIA-74LVC1G11GV Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
74LVC1G11GV-Q100 NEXPERIA-74LVC1G11GV-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
More results

Similar Description - 74LVC1G11GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G11-Q100 NEXPERIA-74LVC1G11-Q100 Datasheet
777Kb / 13P
   Single 3-input AND gate
logo
NXP Semiconductors
74LVC1G11 NXP-74LVC1G11 Datasheet
84Kb / 14P
   Single 3-input AND gate
Rev. 04-1 August 2007
74LVC1G11 PHILIPS-74LVC1G11 Datasheet
71Kb / 14P
   Single 3-input AND gate
Rev. 01-30 November 2004
logo
Nexperia B.V. All right...
74LVC1G11 NEXPERIA-74LVC1G11 Datasheet
261Kb / 16P
   Single 3-input AND gate
Rev. 13 - 9 May 2023
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11_15 Datasheet
191Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Texas Instruments
SN74LVC1G11-EP TI1-SN74LVC1G11-EP_16 Datasheet
838Kb / 12P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-EP TI-SN74LVC1G11-EP Datasheet
532Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE AND GATE
SN74LVC1G11-Q1 TI1-SN74LVC1G11-Q1 Datasheet
321Kb / 11P
[Old version datasheet]   SINGLE 3-INPUT POSITIVE-AND GATE
logo
Diodes Incorporated
74LVC1G11_1107 DIODES-74LVC1G11_1107 Datasheet
309Kb / 13P
   SINGLE 3 INPUT POSITIVE AND GATE
logo
Unisonic Technologies
U74LVC1G11 UTC-U74LVC1G11 Datasheet
188Kb / 6P
   SINGLE 3-INPUT POSITIVE-AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com