Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCT04DB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HCT04DB
Description  Hex inverter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT04DB Datasheet(HTML) 2 Page - NXP Semiconductors

  74HCT04DB Datasheet HTML 1Page - NXP Semiconductors 74HCT04DB Datasheet HTML 2Page - NXP Semiconductors 74HCT04DB Datasheet HTML 3Page - NXP Semiconductors 74HCT04DB Datasheet HTML 4Page - NXP Semiconductors 74HCT04DB Datasheet HTML 5Page - NXP Semiconductors 74HCT04DB Datasheet HTML 6Page - NXP Semiconductors 74HCT04DB Datasheet HTML 7Page - NXP Semiconductors 74HCT04DB Datasheet HTML 8Page - NXP Semiconductors 74HCT04DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74HC_HCT04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 4 — 3 August 2012
2 of 17
NXP Semiconductors
74HC04; 74HCT04
Hex inverter
4.
Functional diagram
5.
Pinning information
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one
inverter)
mna342
1A
1Y
1
2
2A
2Y
3
4
3A
3Y
5
6
4A
4Y
9
8
5A
5Y
11
10
6A
6Y
13
12
1
1
2
mna343
3
1
4
5
1
6
9
1
8
11
1
10
13
1
12
mna341
A
Y
(1) The die substrate is attached to the exposed die pad
using conductive die attach material. It cannot be used
as a supply pin or input.
Fig 4.
Pin configuration DIP14, SO14 and (T)SSOP14
Fig 5.
Pin configuration DHVQFN14
04
1A
VCC
1Y
6A
2A
6Y
2Y
5A
3A
5Y
3Y
4A
GND
4Y
001aac441
1
2
3
4
5
6
7
8
10
9
12
11
14
13
001aac442
04
GND(1)
Transparent top view
3Y
4A
3A
5Y
2Y
5A
2A
6Y
1Y
6A
6
9
5
10
4
11
3
12
2
13
terminal 1
index area


Similar Part No. - 74HCT04DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT04DB PHILIPS-74HCT04DB Datasheet
109Kb / 20P
   Hex inverter
2003 Jul 23
74HCT04DB PHILIPS-74HCT04DB Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
SHENZHEN FUMAN ELECTRON...
74HCT04DB FUMAN-74HCT04DB Datasheet
622Kb / 18P
   Complies with JEDEC standard no. 8 1A
logo
NXP Semiconductors
74HCT04DB-Q100 NXP-74HCT04DB-Q100 Datasheet
132Kb / 16P
   Hex inverter
Rev. 2-10 April 2013
logo
Nexperia B.V. All right...
74HCT04DB-Q100 NEXPERIA-74HCT04DB-Q100 Datasheet
710Kb / 16P
   Hex inverter
More results

Similar Description - 74HCT04DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com