Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC40103D Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74HC40103D
Description  8-bit synchronous binary down counter
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC40103D Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74HC40103D Datasheet HTML 6Page - NXP Semiconductors 74HC40103D Datasheet HTML 7Page - NXP Semiconductors 74HC40103D Datasheet HTML 8Page - NXP Semiconductors 74HC40103D Datasheet HTML 9Page - NXP Semiconductors 74HC40103D Datasheet HTML 10Page - NXP Semiconductors 74HC40103D Datasheet HTML 11Page - NXP Semiconductors 74HC40103D Datasheet HTML 12Page - NXP Semiconductors 74HC40103D Datasheet HTML 13Page - NXP Semiconductors 74HC40103D Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
9397 750 13812
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
10 of 25
Philips Semiconductors
74HC40103
8-bit synchronous binary down counter
12. Dynamic characteristics
VOL
LOW-level output voltage
VI =VIH or VIL
IO =20 µA; VCC = 2.0 V
-
-
0.1
V
IO =20 µA; VCC = 4.5 V
-
-
0.1
V
IO =20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4 mA; VCC = 4.5 V
-
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
ILI
input leakage current
VI =VCC or GND; VCC = 6.0 V
-
-
±1.0
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A; VCC = 6.0 V
-
-
160
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8:
Dynamic characteristics
GND = 0 V; tr =tf = 6 ns; CL = 50 pF; see Figure 13.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
tPHL, tPLH
propagation delay CP to TC
see Figure 7
VCC = 2.0 V
-
96
300
ns
VCC = 4.5 V
-
35
60
ns
VCC = 6.0 V
-
28
51
ns
VCC = 5.0 V; CL =15pF
-
30
-
ns
propagation delay TE to TC
see Figure 8
VCC = 2.0 V
-
50
175
ns
VCC = 4.5 V
-
18
35
ns
VCC = 6.0 V
-
14
30
ns
propagation delay PL to TC
see Figure 9
VCC = 2.0 V
-
102
315
ns
VCC = 4.5 V
-
37
63
ns
VCC = 6.0 V
-
30
53
ns
tPHL
propagation delay MR to TC
see Figure 9
VCC = 2.0 V
-
83
275
ns
VCC = 4.5 V
-
30
55
ns
VCC = 6.0 V
-
24
47
ns
tTHL, tTLH
output transition time
see Figure 8
VCC = 2.0 V
-
19
75
ns
VCC = 4.5 V
-
7
15
ns
VCC = 6.0 V
-
6
13
ns


Similar Part No. - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103D ICST-74HC40103D Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
Nexperia B.V. All right...
74HC40103D NEXPERIA-74HC40103D Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103DB ICST-74HC40103DB Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
More results

Similar Description - 74HC40103D

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
   8-bit synchronous binary down counter
1998 Jul 08
logo
Nexperia B.V. All right...
74HC40103 NEXPERIA-74HC40103 Datasheet
836Kb / 23P
   8-bit synchronous binary down counter
Rev. 5 - 21 April 2016
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
   8-Bit Synchronous Binary Up Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
   8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com