Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7342L-1A-E3 Datasheet(PDF) 6 Page - NEC

Part # PS7342L-1A-E3
Description  6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7342L-1A-E3 Datasheet(HTML) 6 Page - NEC

Back Button PS7342L-1A-E3 Datasheet HTML 2Page - NEC PS7342L-1A-E3 Datasheet HTML 3Page - NEC PS7342L-1A-E3 Datasheet HTML 4Page - NEC PS7342L-1A-E3 Datasheet HTML 5Page - NEC PS7342L-1A-E3 Datasheet HTML 6Page - NEC PS7342L-1A-E3 Datasheet HTML 7Page - NEC PS7342L-1A-E3 Datasheet HTML 8Page - NEC PS7342L-1A-E3 Datasheet HTML 9Page - NEC PS7342L-1A-E3 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet P11566EJ6V0DS00
6
PS7342-1A,PS7342L-1A
TYPICAL CHARACTERISTICS (TA = 25
°°°°C, unless otherwise specified)
100
80
75
50
25
0
–25
20
60
80
100
40
0
Ambient Temperature TA (˚C)
MAXIMUM FORWARD CURRENT vs.
AMBIENT TEMPERATURE
LORD CURRENT vs. LORD VOLTAGE
Load Voltage VL (V)
IF = 10 mA
–1.5
–0.5
0
1.5
1.0
–1.0
0.5
–100
–300
100
300
–200
200
Ambient Temperature TA (˚C)
MAXIMUM LORD CURRENT vs.
AMBIENT TEMPERATURE
Applied Voltage VD (V)
IF = 50 mA
30 mA
20 mA
10 mA
5 mA
1 mA
100
0
–25
25
50
75
1.0
1.4
1.6
1.8
1.2
0.8
Ambient Temperature TA (˚C)
FORWARD VOLTAGE vs.
AMBIENT TEMPERATURE
20
40
60
80
100
120
250
0
150
100
50
200
Applied Voltage VD (V)
OUTPUT CAPACITANCE vs.
APPLIED VOLTAGE
f = 1 MHz
OFF-STATE LEAKAGE CURRENT vs.
APPLIED VOLTAGE
100
85
75
0
–25
50
25
200
300
100
0
500
100
0
200
300
400
10
–7
10
–6
10
–5
10
–8
10
–9
25 ˚C
TA = 80 ˚C


Similar Part No. - PS7342L-1A-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7342L-1A-E3 CEL-PS7342L-1A-E3 Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
PS7342L-1A-E3-A CEL-PS7342L-1A-E3-A Datasheet
247Kb / 10P
   solid state relays containing GaAs LEDs on the light emitting side (input side) and MOS FETs on the output side.
More results

Similar Description - PS7342L-1A-E3

ManufacturerPart #DatasheetDescription
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
PS7341C-1A CEL-PS7341C-1A Datasheet
356Kb / 11P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7341C-1A NEC-PS7341C-1A Datasheet
108Kb / 14P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7341C-1A RENESAS-PS7341C-1A Datasheet
263Kb / 16P
   CURRENT LIMIT TYPE 6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7141E-1A CEL-PS7141E-1A Datasheet
348Kb / 12P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7141-1A CEL-PS7141-1A Datasheet
356Kb / 11P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A Datasheet
482Kb / 10P
   NECs 6-PIN DIP 400V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
PS7160-1A CEL-PS7160-1A Datasheet
350Kb / 11P
   6-PIN DIP, 600 V BREAK DOWN VOLTAGE 1-ch Optical Coupled MOS FET
PS7142-1A CEL-PS7142-1A_06 Datasheet
465Kb / 11P
   6-PIN DIP 400 V BREAK DOWN VOLTAGE 1-CH OPTICAL COUPLED MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com