Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-K150 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # HLMP-K150
Description  DOUBLE HETEROJUNCTION ALGaAs LOW CURRNET RED LED LAMPS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

HLMP-K150 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  HLMP-K150 Datasheet HTML 1Page - Everlight Electronics Co., Ltd HLMP-K150 Datasheet HTML 2Page - Everlight Electronics Co., Ltd HLMP-K150 Datasheet HTML 3Page - Everlight Electronics Co., Ltd HLMP-K150 Datasheet HTML 4Page - Everlight Electronics Co., Ltd HLMP-K150 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DOUBLE HETEROJUNCTION AIGaAs
LOW CURRENT RED LED LAMPS


Similar Part No. - HLMP-K150

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
HLMP-K150 QT-HLMP-K150 Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Fairchild Semiconductor
HLMP-K150 FAIRCHILD-HLMP-K150 Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-K150 HP-HLMP-K150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-K150 HP-HLMP-K150 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-K150 AVAGO-HLMP-K150 Datasheet
303Kb / 9P
   Minimum luminous intensity specified at 1 mA
More results

Similar Description - HLMP-K150

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-D101 AVAGO-HLMP-D101 Datasheet
291Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D105 AVAGO-HLMP-D105 Datasheet
282Kb / 8P
   High Intensity, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D150A FAIRCHILD-HLMP-D150A Datasheet
274Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs LOW CURRENT RED LED LAMPS
logo
QT Optoelectronics
HLMP-D150A QT-HLMP-D150A Datasheet
324Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS LOW CURRENT RED LED LAMPS
logo
Broadcom Corporation.
HLMP-4100 BOARDCOM-HLMP-4100 Datasheet
144Kb / 6P
   T-13/4 (5 mm) Double Heterojunction AlGaAs Very High Intensity Red LED Lamps
HLMP-D150 BOARDCOM-HLMP-D150 Datasheet
574Kb / 10P
   T-1쩐 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
logo
Fairchild Semiconductor
HLMP-D101A FAIRCHILD-HLMP-D101A Datasheet
273Kb / 5P
   DOUBLE HETEROJUNCTION AIGaAs HIGH INTENSITY RED LED LAMPS
logo
QT Optoelectronics
HLMP-D101A QT-HLMP-D101A Datasheet
333Kb / 4P
   DOUBLE HETEROJUNCTION AIGAAS HIGH INTENSITY RED LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-D150 HP-HLMP-D150 Datasheet
107Kb / 6P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
HLMP-D150 HP-HLMP-D150_1 Datasheet
387Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), Low Current, Double Heterojunction AlGaAs Red LED Lamps
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com