Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF22LV10CZ Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATF22LV10CZ
Description  Lowest Power in Its Class
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF22LV10CZ Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATF22LV10CZ_14 Datasheet HTML 3Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 4Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 5Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 6Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 7Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 8Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 9Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 10Page - ATMEL Corporation ATF22LV10CZ_14 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
0779M–PLD–7/10
Atmel ATF22LV10C(Q)Z
5.
Electronic Signature Word
There are 64-bits of programmable memory that are always available to the user, even if the device is secured.
These bits can be used for user-specific data.
6.
Security Fuse Usage
A single fuse is provided to prevent unauthorized copying of the Atmel® ATF22LV10CZ/CQZ fuse patterns. Once
programmed, fuse verify and preload are inhibited. However, the 64-bit User Signature remains accessible.
The security fuse should be programmed last, as its effect is immediate.
7.
Programming/Erasing
Programming/erasing is performed using standard PLD programmers. See CMOS PLD Programming
Hardware and Software Support for information on software/ programming.
Table 7-1.
Programming/Erasing
8.
Input and I/O Pin Keepers
All ATF22LV10CZ/CQZ family members have internal input and I/O pin-keeper circuits. Therefore, whenever
inputs or I/Os are not being driven externally, they will maintain their last driven state. This ensures that all logic
array inputs and device outputs are at known states. These are relatively weak active circuits that can be easily
overridden by TTL-compatible drivers (see input and I/O diagrams below).
Figure 8-1.
Input Diagram
Parameter
Description
Typ
Max
Units
T
PR
Power-up
Reset Time
600
1000
ns
V
RST
Power-up
Reset Voltage
2.3
2.7
V
100K
V
CC
ESD
PROTECTION
CIRCUIT
INPUT


Similar Part No. - ATF22LV10CZ_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ_10 Datasheet
1Mb / 19P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - ATF22LV10CZ_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22LV10CQZ ATMEL-ATF22LV10CQZ_14 Datasheet
1Mb / 19P
   Lowest Power in Its Class
logo
List of Unclassifed Man...
WE1010NA ETC2-WE1010NA Datasheet
417Kb / 1P
   The most powerful station in its class, now in a new design
logo
API Technologies Corp
1442 APITECH-1442 Datasheet
468Kb / 1P
   Lowest size/power ratio
1440 APITECH-1440 Datasheet
522Kb / 1P
   Lowest size/power ratio
logo
Panasonic Semiconductor
ACNH3212 PANASONIC-ACNH3212 Datasheet
83Kb / 4P
   HIGH LOAD RELAY FOR SMART J/B Best space savings in its class.
logo
SHANGHAI BELLING CO., L...
BL0939 BELLING-BL0939 Datasheet
17Kb / 1P
   Lowest power clock inside.
logo
Xilinx, Inc
DS023 XILINX-DS023 Datasheet
77Kb / 8P
   Lowest power 32 macrocell CPLD
XCR3128XL XILINX-XCR3128XL Datasheet
91Kb / 10P
   Lowest power 128 macrocell CPLD
XCR3384XL XILINX-XCR3384XL Datasheet
99Kb / 12P
   Lowest power 384 macrocell CPLD
XCR3512XL XILINX-XCR3512XL Datasheet
101Kb / 14P
   Lowest power 512 macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com