Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS7341-1B Datasheet(PDF) 3 Page - NEC

Part # PS7341-1B
Description  HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET 1-ch OCMOS FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS7341-1B Datasheet(HTML) 3 Page - NEC

  PS7341-1B Datasheet HTML 1Page - NEC PS7341-1B Datasheet HTML 2Page - NEC PS7341-1B Datasheet HTML 3Page - NEC PS7341-1B Datasheet HTML 4Page - NEC PS7341-1B Datasheet HTML 5Page - NEC PS7341-1B Datasheet HTML 6Page - NEC PS7341-1B Datasheet HTML 7Page - NEC PS7341-1B Datasheet HTML 8Page - NEC PS7341-1B Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet P14229EJ1V0DS00
3
PS7341-1B,PS7341L-1B
ORDERING INFORMATION
Part Number
Package
Packing Style
Application Part Number
*1
PS7341-1B
8-pin DIP
Magazine case 50 pcs
PS7341-1B
PS7341L-1B
PS7341L-1B
PS7341L-1B-E3
Embossed Tape 1 000 pcs/reel
PS7341L-1B-E4
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Diode
Forward Current (DC)
IF
50
mA
Reverse Voltage
VR
5.0
V
Power Dissipation
PD
50
mW
Peak Forward Current
*1
IFP
1A
MOS FET
Break Down Voltage
VL
400
V
Continuous
Connection A
IL
150
mA
Load Current
*2
Connection B
200
Connection C
300
Pulse Load Current
*3
(AC/DC Connection)
ILP
300
mA
Power Dissipation
PD
560
mW
Isolation Voltage
*4
BV
3 750
Vr.m.s.
Total Power Dissipation
PT
610
mW
Operating Ambient Temperature
TA
−40 to +85
°C
Storage Temperature
Tstg
−40 to +125
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 Conditions: IF
≥ 2 mA. The following types of load connections are available.
AVL (AC/DC)
1
6
25
4
3
IL
L
B
C
1
6
2
5
4
3
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
IL
L
VL (DC)
+
1
6
2
5
4
3
IL
L
VL (DC)
+
IL + IL
*3 PW = 100 ms, 1shot
*4 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output


Similar Part No. - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
logo
Renesas Technology Corp
PS7341-1B RENESAS-PS7341-1B Datasheet
263Kb / 16P
   HIGH ISOLATION VOLTAGE 6-PIN DIP 400 V BREAK DOWN VOLTAGE NORMALLY CLOSE TYPE 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7341-1B-A CEL-PS7341-1B-A Datasheet
358Kb / 11P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
More results

Similar Description - PS7341-1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS7341-1B CEL-PS7341-1B Datasheet
358Kb / 11P
   HIGH ISOLATION VOLTAGE 6-PIN DIP OCMOS FET (1-ch OCMOS FET)
logo
NEC
PS7241S-1A NEC-PS7241S-1A Datasheet
36Kb / 4P
   CURRENT LIMIT TYPE 4-PIN SOP 400 V OCMOS FET 1-ch OCMOS FET
logo
California Eastern Labs
PS7221A-2A CEL-PS7221A-2A Datasheet
213Kb / 12P
   Solid State Relay OCMOS FET
logo
NEC
PS7360-1A NEC-PS7360-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7341-1A CEL-PS7341-1A Datasheet
349Kb / 11P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
NEC
PS7342-1A NEC-PS7342-1A Datasheet
74Kb / 12P
   6-PIN DIP, HIGH ISOLATION VOLTAGE 1-ch Optical Coupled MOS FET
logo
California Eastern Labs
PS7241C-1A CEL-PS7241C-1A Datasheet
34Kb / 2P
   CURRENT LIMIT TYPE 4 PIN SOP 400 V 1-CH OCMOS FET
PS7141C-2A CEL-PS7141C-2A Datasheet
353Kb / 14P
   Solid State Relay OCMOS FET
PS7200R-1A CEL-PS7200R-1A Datasheet
202Kb / 13P
   Solid State Relay OCMOS FET
PS710CL2-1A CEL-PS710CL2-1A Datasheet
194Kb / 14P
   Solid State Relay OCMOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com