Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-3640OBA2 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-3640OBA2
Description  T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-3640OBA2 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-3640OBA2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-3640OBA2 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Selection Guide
Luminous Intensity
Part
Iv (mcd)
Package
Operating
Number
Color
Package Description
Outline
2
θ
1/2
[1]
Voltage(V)
HLMP-
Min.
Max.
60
5
1600
2.1
-
T-1 Tinted Diffused
A
1600-D00xx
2.1
-
1601
2.1
-
Red
60
12
1601-D00xx
2.1
-
1601-GH0xx
8.6
27.6
60
5
3600
2.1
-
T-1 3/4 Tinted Diffused
B
3600-D00xx
2.1
-
60
12
3601
2.1
-
3601-D00xx
2.1
-
1620
2.2
-
60
5
1620-C00xx
2.2
-
T-1 Tinted Diffused
A
1620-C0Bxx
2.2
-
1620-EFBxx
3.4
10.8
Yellow
60
12
1621
2.2
-
1621-C00xx
2.2
-
60
5
3650
2.2
-
T-1 3/4 Tinted Diffused
B
3650-C00xx
2.2
-
60
12
3651
2.2
-
3651-C00xx
2.2
-
1640
1.6
-
60
5
1640-B00xx
1.6
-
T-1 Tinted Diffused
A
1640-B0Dxx
1.6
-
1640-DE0xx
4.2
13.4
Green
60
12
1641
1.6
-
1641-B00xx
1.6
60
5
3680
1.6
-
T-1 3/4 Tinted Diffused
B
3680-B00xx
1.6
-
60
12
3681
1.6
-
3681-B00xx
1.6
-
Note:
1.
θ
1/2 is the off-axis angle at which the luminous intensity is
1/2 the axial luminous intensity.


Similar Part No. - HLMP-3640OBA2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3600 AVAGO-HLMP-3600 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-3600 AVAGO-HLMP-3600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3601 AVAGO-HLMP-3601 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-3601 AVAGO-HLMP-3601 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-3650 AVAGO-HLMP-3650 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
More results

Similar Description - HLMP-3640OBA2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
HLMP-1600 AVAGO-HLMP-1600 Datasheet
202Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com