Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2805C-1-V-F4 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PS2805C-1-V-F4
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2805C-1-V-F4 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PS2805C-1-V-F4 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2805C-1-V-F4 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF =
±5 mA
1.2
1.4
V
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
20
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 80 V, IF = 0 mA
100
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF =
±5 mA, VCE = 5 V
50
400
%
Collector Saturation
Voltage
VCE(sat)
IF =
±10 mA, IC = 2 mA
0.13
0.3
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.4
pF
Rise Time
*2
Tr
VCC = 5 V, IC = 2 mA, RL = 100
5
µs
Fall Time
*2
tf
7
*1 CTR rank
PS2805C-1
N : 50 to 400 (%)
M: 100 to 400 (%)
PS2805C-4
N : 50 to 400 (%)
M: 100 to 400 (%)
*2 Test circuit for switching time
PW = 100 s
Duty Cycle = 1/10
µ
VCC
VOUT
IF
Pulse Input
RL = 100
50
Data Sheet PN10611EJ01V0DS
5
PS2805C-1,PS2805C-4


Similar Part No. - PS2805C-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2805C-1-V-F3 CEL-PS2805C-1-V-F3 Datasheet
536Kb / 13P
   HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1-V-F3 RENESAS-PS2805C-1-V-F3 Datasheet
198Kb / 14P
   PS2805-1_15v
logo
California Eastern Labs
PS2805C-1-V-F3-A CEL-PS2805C-1-V-F3-A Datasheet
536Kb / 13P
   HIGH ISOLATION VOL TAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
More results

Similar Description - PS2805C-1-V-F4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KPS2805 COSMO-KPS2805_12 Datasheet
198Kb / 6P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1_15 Datasheet
191Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2806 COSMO-KPS2806_12 Datasheet
160Kb / 5P
   High Isolation Voltage AC Input Response Type SSOP Photocoupler
logo
Renesas Technology Corp
PS2805A-1 RENESAS-PS2805A-1_15 Datasheet
263Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2805A-1 CEL-PS2805A-1 Datasheet
367Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2805C-1 RENESAS-PS2805C-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
Oct 11, 2019
PS2805-1 RENESAS-PS2805-1 Datasheet
5Mb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
July 26, 2019
logo
California Eastern Labs
PS2805-4 CEL-PS2805-4 Datasheet
245Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SSOP PHOTOCOUPLER
logo
COSMO Electronics Corp...
KPS2832 COSMO-KPS2832_12 Datasheet
196Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
KPS2801 COSMO-KPS2801_12 Datasheet
203Kb / 6P
   High Isolation Voltage DC Input Response Type SSOP Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com