Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATZB-24-A2 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATZB-24-A2
Description  ZIGBIT 2.4GHZ WIRELESS MODULES
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATZB-24-A2 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATZB-24-A2_14 Datasheet HTML 2Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 3Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 4Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 5Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 6Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 7Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 8Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 9Page - ATMEL Corporation ATZB-24-A2_14 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ATZB-24-A2/B0 [ZigBit 2.4GHz Wireless Modules]
8226C
−AVR−07/2013
6
2.
ZigBit Module Overview
2.1
Overview
ZigBit is a low-power, high-sensitivity IEEE 802.15.4/ ZigBee-compliant OEM module. This multifunctional device
occupies less than a square inch of space, which is comparable to a typical size of a single chip. Based on a solid
combination of the latest MCU Wireless hardware platform from Atmel, the ZigBit offers superior radio performance,
ultra-low power consumption, and exceptional ease of integration.
Figure 2-1. Atmel ATZB-24-B0 Block Diagram.
.
Figure 2-2. Atmel ATZB-24-A2 Block Diagram.
ZigBit modules comply with the FCC (Part 15), IC and ETSI (CE) rules applicable to the devices radiating in an
uncontrolled environment. For further details, see Chapter 4.
ZigBit fully satisfies the requirements of the “Directive 2002/95/EC of the European Parliament and the Council of
27January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment”
(RoHS). Atmel provides fully compliant product in all regions, where the directive is enforced since July 1, 2006.
VCC(1.8 – 3.6)
ATmega1281
AT86RF230
RF
transceiver
IRQ
UART
USART/SPI
I
2C
JTAG
ANALOG
GPIO
SPI Bus
Chip
antenna
VCC(1.8 – 3.6)
ATmega1281
AT86RF230
RF
transceiver
IRQ
UART
USART/SPI
I
2C
JTAG
ANALOG
GPIO
SPI Bus
RF I/O


Similar Part No. - ATZB-24-A2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-24-A2R ATMEL-ATZB-24-A2R Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
More results

Similar Description - ATZB-24-A2_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATZB-X0-256-3-0-C ATMEL-ATZB-X0-256-3-0-C_14 Datasheet
1Mb / 28P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-A2 ATMEL-ATZB-24-A2 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C_14 Datasheet
1,008Kb / 22P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-RF-233-1-C ATMEL-ATZB-RF-233-1-C Datasheet
534Kb / 20P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-24-B0 ATMEL-ATZB-24-B0_14 Datasheet
966Kb / 25P
   ZIGBIT 2.4GHZ WIRELESS MODULES
ATZB-A24-UFLB ATMEL-ATZB-A24-UFLB_14 Datasheet
3Mb / 22P
   ZIGBIT 2.4GHZ AMPLIFIED WIRELESS
ATZB-X0-256-4-0-CN ATMEL-ATZB-X0-256-4-0-CN_14 Datasheet
1Mb / 26P
   ZIGBIT 900MHZ WIRELESS MODULES
ATZB-S1-256-3-0-C ATMEL-ATZB-S1-256-3-0-C Datasheet
1Mb / 27P
   ZigBit 2.4GHz Single chip Wireless Module
ATZB-S1-256-3-0-U ATMEL-ATZB-S1-256-3-0-U_14 Datasheet
971Kb / 25P
   ZigBit 2.4GHz Single Chip Wireless Module
ATZB-RF-212B-0-CN ATMEL-ATZB-RF-212B-0-CN_14 Datasheet
794Kb / 23P
   ZIGBIT 900MHZ WIRELESS MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com