Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC273 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # 74AC273
Description  Octal D-Type Flip-Flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC273 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button 74AC273 Datasheet HTML 2Page - Fairchild Semiconductor 74AC273 Datasheet HTML 3Page - Fairchild Semiconductor 74AC273 Datasheet HTML 4Page - Fairchild Semiconductor 74AC273 Datasheet HTML 5Page - Fairchild Semiconductor 74AC273 Datasheet HTML 6Page - Fairchild Semiconductor 74AC273 Datasheet HTML 7Page - Fairchild Semiconductor 74AC273 Datasheet HTML 8Page - Fairchild Semiconductor 74AC273 Datasheet HTML 9Page - Fairchild Semiconductor 74AC273 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC273, 74ACT273 Rev. 1.6.0
6
AC Electrical Characteristics for AC
Note:
6. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
AC Operating Requirements for AC
Note:
7. Voltage range 3.3 is 3.3V ± 0.3V. Voltage range 5.0 is 5.0V ± 0.5V.
Symbol
Parameter
VCC (V)
(6)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
fMAX
Maximum Clock Frequency
3.3
90
125
75
MHz
5.0
140
175
125
tPLH
Propagation Delay,
Clock to Output
3.3
4.0
7.0
12.5
3.0
14.0
ns
5.0
3.0
5.5
9.0
2.5
10.0
tPHL
Propagation Delay,
Clock to Output
3.3
4.0
7.0
13.0
3.5
14.5
ns
5.0
3.0
5.0
10.0
2.5
11.0
tPHL
Propagation Delay,
MR to Output
3.3
4.0
7.0
13.0
3.5
14.0
ns
5.0
3.0
5.0
10.0
2.5
10.5
Symbol
Parameter
VCC (V)
(7)
TA = +25°C,
CL = 50pF
TA = –40°C to +85°C,
CL = 50pF
Units
Typ.
Guaranteed Minimum
tS
Setup Time, HIGH or LOW,
Data to CP
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5
tH
Hold Time, HIGH or LOW,
Data to CP
3.3
–2.0
0
0
ns
5.0
–1.0
1.0
1.0
tW
Clock Pulse Width, HIGH or LOW
3.3
3.5
5.5
6.0
ns
5.0
2.5
4.0
4.5
tW
MR Pulse Width, HIGH or LOW
3.3
2.0
5.5
6.0
ns
5.0
1.5
4.0
4.5
trec
Recovery Time, MR to CP
3.3
1.5
3.5
4.5
ns
5.0
1.0
2.0
3.0


Similar Part No. - 74AC273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC273 STMICROELECTRONICS-74AC273 Datasheet
82Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273 Datasheet
122Kb / 10P
   Octal D-Type Flip-Flop
logo
ON Semiconductor
74AC273 ONSEMI-74AC273 Datasheet
111Kb / 8P
   Octal D Flip?묯lop
December, 2005 ??Rev. 6
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
logo
Silicon Supplies
74AC273 SS-74AC273 Datasheet
455Kb / 7P
   Advanced CMOS Logic
Rev 1.0 07/12/2021
More results

Similar Description - 74AC273

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC377 STMICROELECTRONICS-M54HC377 Datasheet
252Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273_07 Datasheet
625Kb / 13P
   Octal D-Type Flip-Flop
74VHC273 FAIRCHILD-74VHC273_05 Datasheet
532Kb / 10P
   Octal D-Type Flip-Flop
74F273 FAIRCHILD-74F273 Datasheet
74Kb / 7P
   Octal D-Type Flip-Flop
logo
STMicroelectronics
M74HC377 STMICROELECTRONICS-M74HC377 Datasheet
362Kb / 11P
   OCTAL D TYPE FLIP FLOP
logo
Fairchild Semiconductor
74VHC273 FAIRCHILD-74VHC273 Datasheet
91Kb / 7P
   Octal D-Type Flip-Flop
logo
NXP Semiconductors
74ABT273A PHILIPS-74ABT273A Datasheet
104Kb / 12P
   Octal D-type flip-flop
1995 Sep 06
74ALS273 PHILIPS-74ALS273 Datasheet
114Kb / 9P
   Octal D-type flip-flop
1991 Feb 08
logo
National Semiconductor ...
54ABT273 NSC-54ABT273 Datasheet
145Kb / 8P
   Octal D-Type Flip-Flop
logo
Fairchild Semiconductor
74AC273 FAIRCHILD-74AC273_08 Datasheet
383Kb / 12P
   Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com