Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LDU2430S1000 Datasheet(PDF) 2 Page - XP Power Limited

Part No. LDU2430S1000
Description  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  XPPOWER [XP Power Limited]
Homepage  http://www.xppower.com
Logo 

LDU2430S1000 Datasheet(HTML) 2 Page - XP Power Limited

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDU08/24
Mechanical Details
Notes
1. All dimensions are in inches (mm)
2. Weight: LDU08 - 0.006 lbs (2.6 g) approx.
LDU08 (wired version) - 0.02 lbs (11.1 g) approx.
LDU24 - 0.014 lbs (6.2 g) approx.
LDU24 (wired version) - 0.02 lbs (11.1 g) approx.
3. Pin diameter: 0.02±0.002 (0.5±0.05)
4. Pin pitch tolerance: ±0.014 (±0.35)
5. Case tolerance: ±0.02 (±0.5)
Bottom View
7
1
14
8
2
0.80
(20.32)
0.02
(0.50)
0.02
(0.50)
0.20
(5.08)
0.20
(5.08)
0.27
(6.88)
0.12
(3.05)
0.10
(2.54)
0.60
(15.24)
0.40
(10.16)
0.40
(10.16)
Stripped
& tinned
3.94
(100.0)
0.40
(10.16)
0.40
(10.16)
0.55 (14.0)
0.55 (14.0)
0.39
(10.0)
16
21
3.94
(100.0)
8
9
0.92 (23.4)
0.55
(14.0)
1
2
9
16
8
Bottom View
0.02 (0.5)
1
2
9
16
8
0.92 (23.4)
0.55
(14.0)
Bottom View
10.16
(0.40)
3.94
(100.0)
0.39
(10.0)
Stripped
& tinned
16
21
10.16
(0.40)
3.94
(100.0)
89
0.55 (14.0)
0.55 (14.0)
0.02
(0.50)
0.40
(10.16)
0.12
(3.05)
0.55
(14.00)
0.40
(10.16)
DIA.
0.92 (23.4)
0.55
(14.0)
0.11
(2.81)
0.08
(1.92)
0.02
(0.50)
0.02
(0.50)
0.50
(12.70)
0.10
(2.54)
0.08
(1.92)
0.40
(10.16)
0.70
(17.78)
Bottom View
12 3
78
16 15
10 9
LDU08: 14 Pin DIL
Wired Versions (No Dimming Control)
Wired Version with Dimming Control
LDU08
Wired Versions
LDU24 16 Pin DIL
LDU24
Wired Versions
Models and Ratings
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
300 mA
95%
LDU0830S300
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500
17.0 W
7 - 30 V
2 - 28 V
600 mA
95%
LDU2430S600
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350-W
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500-W
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700-W
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000-W
Output Power
Input Voltage Range
Output Voltage
Output Current
Efficiency
Model Number
8.0 W
7 - 30 V
2 - 28 V
350 mA
95%
LDU0830S350-WD
14.0 W
7 - 30 V
2 - 28 V
500 mA
95%
LDU2430S500-WD
20.0 W
7 - 30 V
2 - 28 V
700 mA
95%
LDU2430S700-WD
24.0 W
7 - 30 V
2 - 28 V
1000 mA
95%
LDU2430S1000-WD
LDU Connections
LDU08
LDU08-W LDU08-WD
LDU24
LDU24-W LDU24-WD
Function
1
1 (Black)
1 (Black)
1 & 2
1 (Black)
1 (Black)
-Vin: -DC supply
2
No Wire
2 (White)
3
No Wire
2 (White)
Control
7
8 (Blue)
8 (Blue)
7 & 8
8 (Blue)
8 (Blue)
-Vout: LED cathode connection
8
9 (Yellow)
9 (Yellow)
9 &10
9 (Yellow)
9 (Yellow)
+Vout: LED anode connection
14
16 (Red)
16 (Red)
15 & 16
16 (Red)
16 (Red)
+Vin: +DC supply
Note: LDU08: Do not connect Pin 1 (-Vin) to Pin 7 (-Vout).
LDU24: Do not connect Pins 1 & 2 (-Vin) to Pins 7 & 8 (-Vout).
With Dimming Control


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn