Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF16LV8C Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATF16LV8C
Description  Industry-standard Architecture
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF16LV8C Datasheet(HTML) 3 Page - ATMEL Corporation

  ATF16LV8C_14 Datasheet HTML 1Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 2Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 3Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 4Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 5Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 6Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 7Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 8Page - ATMEL Corporation ATF16LV8C_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ATF16LV8C
3
Note:
1. All I
CC parameters measured with outputs open.
2. For DC characteristics, the test condition of VCC = Max corresponds to 3.6V.
AC Waveforms(1)
Note:
1. Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
DC Characteristics
Symbol
Parameter
Condition(2)
Min
Typ
Max
Units
I
IL
Input or I/O Low Leakage Current
0
≤ V
IN ≤ VIL(Max)
-10
µA
I
IH
Input or I/O High Leakage Current
1.8
≤ V
IN ≤ VCC
10
µA
I
CC1
(1)
Power Supply Current
15 MHz, VCC = Max,
V
IN = 0, VCC,
Outputs Open
Com.
Ind.
55
60
mA
IPD
(1)
Power Supply Current, Power-down Mode
VCC = Max,
V
IN = 0, VCC
0.1
5
µA
I
OS
Output Short Circuit Current
VOUT = 0.5V;
VCC= 3V; TA = 25°C
-150
mA
V
IL
Input Low Voltage
MIN < V
CC < Max
-0.5
0.8
V
VIH
Input High Voltage
2.0
VCC + 1
V
VOL
Output Low Voltage
VCC = Min; All Outputs
I
OL = 8 mA
0.5
V
V
OH
Output High Voltage
VCC = Min
IOH = -4 mA
2.4
V
I
OL
Output Low Current
V
CC = Min
8
mA
IOH
Output High Current
VCC = Min
-4
mA


Similar Part No. - ATF16LV8C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16LV8C-10 ATMEL-ATF16LV8C-10 Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF16LV8C-10JC ATMEL-ATF16LV8C-10JC Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF16LV8C-10JC ATMEL-ATF16LV8C-10JC Datasheet
223Kb / 15P
   Highperformance EE PLD
ATF16LV8C-10JI ATMEL-ATF16LV8C-10JI Datasheet
215Kb / 10P
   High- Performance EE PLD
ATF16LV8C-10JI ATMEL-ATF16LV8C-10JI Datasheet
223Kb / 15P
   Highperformance EE PLD
More results

Similar Description - ATF16LV8C_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
   Industry Standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
   Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
   Industry-standard Architecture
ATF22V10CZ ATMEL-ATF22V10CZ_14 Datasheet
1Mb / 19P
   Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
   Industry-standard Architecture
ATF16V8B ATMEL-ATF16V8B Datasheet
641Kb / 26P
   Industry-standard Architecture Emulates Mary 20-pin PAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com