Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATXMEGA384C3 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # ATXMEGA384C3
Description  8/16-bit Atmel XMEGA C3 Microcontroller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATXMEGA384C3 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button ATXMEGA384C3_14 Datasheet HTML 7Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 8Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 9Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 10Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 11Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 12Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 13Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 14Page - ATMEL Corporation ATXMEGA384C3_14 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 125 page
background image
11
XMEGA C3 [DATASHEET]
Atmel-8361F-AVR-ATxmega384C3-Datasheet–11/2014
7.
Memories
7.1
Features
Flash program memory
– One linear address space
– In-system programmable
– Self-programming and boot loader support
– Application section for application code
– Application table section for application code or data storage
– Boot section for application code or boot loader code
– Separate read/write protection lock bits for all sections
– Built in fast CRC check of a selectable flash program memory section
Data memory
– One linear address space
– Single-cycle access from CPU
– SRAM
– EEPROM
Byte and page accessible
Optional memory mapping for direct load and store
– I/O memory
Configuration and status registers for all peripherals and modules
Four bit-accessible general purpose registers for global variables or flags
– Bus arbitration
Deterministic priority handling between CPU, DMA controller, and other bus masters
– Separate buses for SRAM, EEPROM and I/O memory
Simultaneous bus access for CPU and DMA controller
Production signature row memory for factory programmed data
– ID for each microcontroller device type
– Serial number for each device
– Calibration bytes for factory calibrated peripherals
User signature row
– One flash page in size
– Can be read and written from software
– Content is kept after chip erase
7.2
Overview
The Atmel AVR architecture has two main memory spaces, the program memory and the data memory. Executable code
can reside only in the program memory, while data can be stored in the program memory and the data memory. The data
memory includes the internal SRAM, and EEPROM for nonvolatile data storage. All memory spaces are linear and
require no memory bank switching. Nonvolatile memory (NVM) spaces can be locked for further write and read/write
operations. This prevents unrestricted access to the application software.
A separate memory section contains the fuse bytes. These are used for configuring important system functions, and can
only be written by an external programmer.
The available memory size configurations are shown in “Ordering Information” on page 2. In addition, each device has a
Flash memory signature row for calibration data, device identification, serial number, etc.
7.3
Flash Program Memory
The Atmel AVR XMEGA devices contain on-chip, in-system reprogrammable flash memory for program storage. The
flash memory can be accessed for read and write from an external programmer through the PDI or from application
software running in the device.
All AVR CPU instructions are 16 or 32 bits wide, and each flash location is 16 bits wide. The flash memory is organized
in two main sections, the application section and the boot loader section. The sizes of the different sections are fixed, but


Similar Part No. - ATXMEGA384C3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
More results

Similar Description - ATXMEGA384C3_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATXMEGA384C3 ATMEL-ATXMEGA384C3 Datasheet
9Mb / 126P
   8/16-bit Atmel XMEGA C3 Microcontroller
ATXMEGA64B1 ATMEL-ATXMEGA64B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1 Datasheet
6Mb / 138P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA256A3U ATMEL-ATXMEGA256A3U Datasheet
3Mb / 116P
   8/16-bit Atmel XMEGA A3U Microcontroller
ATXMEGA128A4U-AU ATMEL-ATXMEGA128A4U-AU Datasheet
4Mb / 121P
   8/16-bit Atmel XMEGA A4U Microcontroller
ATXMEGA128B1 ATMEL-ATXMEGA128B1_14 Datasheet
6Mb / 142P
   8/16-bit Atmel XMEGA B1 Microcontroller
ATXMEGA64D3 ATMEL-ATXMEGA64D3_14 Datasheet
3Mb / 86P
   8/16-bit Atmel AVR XMEGA D3 Microcontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU Datasheet
4Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA256A3BU ATMEL-ATXMEGA256A3BU_14 Datasheet
5Mb / 143P
   8/16-bit Atmel XMEGA A3BUMicrocontroller
ATXMEGA8E5 ATMEL-ATXMEGA8E5_14 Datasheet
2Mb / 147P
   8/16-bit Atmel AVR XMEGA Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com